PART |
Description |
Maker |
0850032995 85003-2995 |
2.54mm (.100) Pitch DIN 41612 Header, Style C/2, Right Angle, Through Hole, 0.25μm (10μ) Selective Gold (Au), 32 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style C/2, Right Angle, Through Hole, 0.25渭m (10渭") Selective Gold (Au), 32 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
36511-0098 0365110098 MMB1501R963 MM-B1501-R963 |
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, 0.60μm (24μ) Gold (Au) Plating, Tail Length 2.90mm (.114), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, 0.60渭m (24渭") Gold (Au) Plating, Tail Length 2.90mm (.114"), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, 0.60楼矛m (24楼矛") Gold (Au) Plating, Tail Length 2.90mm (.114"), 64 Circuits
|
Molex Electronics Ltd.
|
36511-0122 0365110122 MMB1502R963 MM-B1502-R963 |
2.54mm (.100) Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 0.60μm (24μ) Gold (Au) Plating, Tail Length 4.50mm (.177), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 0.60渭m (24渭") Gold (Au) Plating, Tail Length 4.50mm (.177"), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 0.60楼矛m (24楼矛") Gold (Au) Plating, Tail Length 4.50mm (.177"), 64 Circuits
|
Molex Electronics Ltd.
|
0850032763 85003-2763 |
2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle, Through Hole ,0.25μm(10μ) Selective Gold (Au), 64 Circuits, Lead free 2.54mm (.100") Pitch DIN 41612 Header, Style C, Right Angle, Through Hole ,0.25楼矛m(10楼矛") Selective Gold (Au), 64 Circuits, Lead free MOLEX Connector
|
Molex Electronics Ltd.
|
0365010121 MM-B2402-C483 36501-0121 |
2.54mm (.100) Pitch DIN 41612 C/2 Style Female Receptacle, Vertical, Through Hole, 1.10μm (43μ) Selective Gold (Au) Plating, 32 Circuits 2.54mm (.100") Pitch DIN 41612 C/2 Style Female Receptacle, Vertical, Through Hole, 1.10渭m (43渭") Selective Gold (Au) Plating, 32 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
85042-1330 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C/2, 48 Circuits
|
Molex Electronics Ltd.
|
0850420505 85042-0505 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 96 Circuits
|
Molex Electronics Ltd.
|
850422529 0850422529 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 64 Circuits
|
Molex Electronics Ltd.
|
0850421213 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 96 Circuits
|
Molex Electronics Ltd.
|
0850421079 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 96 Circuits
|
Molex Electronics Ltd.
|
MM-B2501-B604 0365050003 |
2.54mm (.100) Pitch DIN 41612 B Style Female Receptacle, Vertical, Through Hole, 0.30μm (12μ) Selective Gold (Au) Plating, 64 Circuits 2.54mm (.100") Pitch DIN 41612 B Style Female Receptacle, Vertical, Through Hole, 0.30渭m (12渭") Selective Gold (Au) Plating, 64 Circuits
|
Molex Electronics Ltd.
|
|