PART |
Description |
Maker |
MMB1901R480 MM-B1901-R480 36512-0196 0365120196 |
2.54mm (.100) Pitch DIN 41612 Header, Vertical, Through Hole, 0.4μm (16μ) Selective Gold (Au), 48 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4渭m (16渭") Selective Gold (Au), 48 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4楼矛m (16楼矛") Selective Gold (Au), 48 Circuits
|
Molex Electronics Ltd.
|
36500-0129 MM-B2602-C913 0365000129 |
2.54mm (.100") Pitch DIN 41612 C Style Female Receptacle, Vertical, Through Hole, 0.30渭m (12渭") 2.54mm (.100) Pitch DIN 41612 C Style Female Receptacle, Vertical, Through Hole, 0.30μm (12μ)
|
Molex Electronics Ltd.
|
0850032529 85003-2529 |
2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle , Through Hole ,1μm (40μ) Selective Gold (Au) , 96 Circuits, First-Mate-Last-Break Pins Available, Lead free 2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle , Through Hole ,1楼矛m (40楼矛) Selective Gold (Au) , 96 Circuits, First-Mate-Last-Break Pins Available, MOLEX Connector
|
Molex Electronics Ltd.
|
0850426086 85042-6086 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 64 Circuits
|
Molex Electronics Ltd.
|
85042-4294 0850424294 |
2.54mm (.100") Pitch DIN 41612 Receptacle, Style C/2, 48 Circuits 2.54mm (.100) Pitch DIN 41612 Receptacle, Style C/2, 48 Circuits
|
Molex Electronics Ltd.
|
85042-5213 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 96 Circuits
|
Molex Electronics Ltd.
|
85042-6103 |
2.54mm (.100") Pitch DIN 41612 Receptacle, Style C/2, 32 Circuits 2.54mm (.100) Pitch DIN 41612 Receptacle, Style C/2, 32 Circuits
|
Molex Electronics Ltd.
|
850422529 0850422529 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 64 Circuits
|
Molex Electronics Ltd.
|
0850426074 85042-6074 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 64 Circuits
|
Molex Electronics Ltd.
|
0850420074 85042-0074 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C/2, 32 Circuits
|
Molex Electronics Ltd.
|
0850030165 85003-0165 |
2.54mm (.100") Pitch DIN 41612 Header, Style C, Vertical, Through Hole, 0.6渭m (24渭")Selective Gold (Au), 64 Circuits, Lead free 2.54mm (.100) Pitch DIN 41612 Header, Style C, Vertical, Through Hole, 0.6μm (24μ)Selective Gold (Au), 64 Circuits, Lead free
|
Molex Electronics Ltd.
|
MM-B2501-B604 0365050003 |
2.54mm (.100) Pitch DIN 41612 B Style Female Receptacle, Vertical, Through Hole, 0.30μm (12μ) Selective Gold (Au) Plating, 64 Circuits 2.54mm (.100") Pitch DIN 41612 B Style Female Receptacle, Vertical, Through Hole, 0.30渭m (12渭") Selective Gold (Au) Plating, 64 Circuits
|
Molex Electronics Ltd.
|
|