PART |
Description |
Maker |
GSRFTA0330A GSRFTA0707A GOLLEDGEELECTRONICSLTD-GSR |
1 FUNCTIONS, 821 MHz, SAW FILTER 1 FUNCTIONS, 429.25 MHz, SAW FILTER 1 FUNCTIONS, 584 MHz, SAW FILTER 1 FUNCTIONS, 656 MHz, SAW FILTER 1 FUNCTIONS, 420 MHz, SAW FILTER 1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 1732.5 MHz, SAW FILTER 1 FUNCTIONS, 900 MHz, SAW FILTER 1 FUNCTIONS, 2017.5 MHz, SAW FILTER 1 FUNCTIONS, 1056 MHz, SAW FILTER 1 FUNCTIONS, 1842 MHz, SAW FILTER 1 FUNCTIONS, 942.5 MHz, SAW FILTER 1 FUNCTIONS, 2441.8 MHz, SAW FILTER 1 FUNCTIONS, 2158 MHz, SAW FILTER 1 FUNCTIONS, 315 MHz, SAW FILTER 1 FUNCTIONS, 1970 MHz, SAW FILTER 1 FUNCTIONS, 930.5 MHz, SAW FILTER 1 FUNCTIONS, 1870 MHz, SAW FILTER 1 FUNCTIONS, 424 MHz, SAW FILTER 1 FUNCTIONS, 2250 MHz, SAW FILTER 1 FUNCTIONS, 2665 MHz, SAW FILTER 1 FUNCTIONS, 868.3 MHz, SAW FILTER
|
GOLLEDGE ELECTRONICS LTD
|
ZCYS9058-472-2P ZCYS ZCYS1512 ZCYS1512-203-2P ZCYS |
2 FUNCTIONS, 0.2 A, TELECOM FILTER ROHS COMPLIANT, SMD, 4 PIN Common Mode Filters(SMD) For xDSL 共模滤波器(贴片)包括xDSL 2 FUNCTIONS, 0.3 A, TELECOM FILTER
|
TDK[TDK Electronics] TDK Corporation TDK, Corp.
|
AFS2442.0S4 |
SMD 2442MHz SAW FILTER 1 FUNCTIONS, 2442 MHz, SAW FILTER
|
Abracon, Corp. ABRACON[Abracon Corporation]
|
AL1000-M5 AW1000-M5 AR5060-06 AW1000-M5D AR2000-01 |
锛?ILTER 1锛??锛?/span> "FILTER 1/4"" "FILTER 3/4"" "FILTER 1/8"" "FILTER 1/2"" "FILTER 3/8"" Microprocessor-Controlled Battery Management System "FILTER 1"" FILTER M5 BRACKET 5000/6000 FILTER REGULATOR 1/4 FILTER REGULATOR 1/2 FILTER REGULATOR 1/8 FILTER REGULATOR 3/8 "REGULATOR 1"" "REGULATOR 3/8"" LUBRICATOR 3/8 LUBRICATOR 1/8 Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C "REGULATOR 1/2"" "REGULATOR 1/8"" "REGULATOR 3/4"" FILTER REGULATOR M5 LUBRICATOR M5 锛?EGULATOR 3/8锛??锛?/span>
|
|
TB0729A |
SAW Filter 480MHz (SMD 5.0隆驴5.0 mm) SAW Filter 480MHz (SMD 5.0×5.0 mm)
|
TAI-SAW TECHNOLOGY CO., LTD.
|
ZJYS51R5-M4PAT ZJYS5105-2PL ZJYS81R5-2PL25 ZJYS51R |
4 FUNCTIONS, 50 V, 0.5 A, DATA LINE FILTER SMD, 8 PIN EMC Components Common Mode Choke Coils for Signal Line SMD
|
TDK Electronics
|
TA0169A |
SAW Filter 836.5MHz SMD 3.0隆驴3.0 SAW Filter 836.5MHz SMD 3.0×3.0
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TA0304A |
SAW Filter 1220MHz SMD 3.0隆驴3.0mm SAW Filter 1220MHz SMD 3.0×3.0mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TA0452A |
SAW Filter 861MHz SMD 3.8隆驴3.8mm SAW Filter 861MHz SMD 3.8×3.8mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TA0450A |
SAW Filter 802MHz SMD 3.8隆驴3.8mm SAW Filter 802MHz SMD 3.8×3.8mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TA0444A |
SAW Filter 999MHz SMD 3.0隆驴3.0mm SAW Filter 999MHz SMD 3.0×3.0mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TA0419A |
SAW Filter 441MHz SMD 5.0隆驴5.0mm SAW Filter 441MHz SMD 5.0×5.0mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
|