PART |
Description |
Maker |
STM32F429I-DISCO 32F429IDISCOVERY |
Discovery kit for STM32 F429/439 lines - with STM32F429ZI MCU
|
ST Microelectronics
|
32F3348DISCOVERY |
Discovery kit for STM32F3 series - with STM32F334R8 MCU
|
ST Microelectronics
|
STM32L152-SK STM32L152-SK/IAR |
IAR starter kit for STM32 L1 series - with STM32L152VB MCU IAR starter kit for STM32L EnergyLite 32-bit microcontrollers
|
ST Microelectronics STMicroelectronics
|
32L0538DISCOVERY |
Discovery kit for STM32L0 Series
|
STMicroelectronics
|
32L0538DISCOVERY |
Discovery kit with STM32L053C8T6 MCU
|
ST Microelectronics
|
ST25R3911B-DISCO |
Discovery kit for the ST25R3911B high performance HF reader / NFC initiator
|
STMicroelectronics
|
STM32L100C-DISCO 32L100CDISCOVERY |
Two push buttons Discovery kit with STM32L100RCT6 MCU
|
STMicroelectronics ST Microelectronics
|
STM3221G-EVAL |
Evaluation board for STM32 F2 series - with STM32F217IG MCU
|
ST Microelectronics
|
PE-52627 PE-52629 PE-52625 PE-52649 PE-52628 PE-52 |
LTC1701 Evaluation Kit Standard Low Power Inductors - Switch Mode Power Converters and Ripple Filters LTC1773EMS Evaluation Kit LTC3401EMS10 Evaluation Kit LTC1876 Evaluation Kit LTC1960 Evaluation Kit LTC1700EMS Evaluation Kit 3.3V Micropower EIA/TIA-562 Transceiver LTC1771EMS8 Evaluation Kit 标准低功率电感器-开关电源转换器和过滤器纹波
|
Electronic Theatre Controls, Inc.
|
EVALKIT-VL6180X |
VL6180X explorer kit, complete solution with STM32 F401 nucleo board and VL6180X explorer expansion board
|
ST Microelectronics
|
DC590A-1 DC742A DC609A-B DC590A DC682A DC746A DC75 |
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 590 USB SERIAL CONTROLLER FOR LINEAR TECHNOLOGY QUICKEVAL-TM DEMO BOARDS LTC2449 Evaluation Sales LTC4259A Evaluation Kit USB Controller for QuickEval Evaulation Kits LTC1859 Evaluation Kit LTC2412 Evaluation Kit LTC4150 Evaluation Kit LTC2601 Evaluation Kit LTC2433-1 Evaluation Kit
|
Linear Integrated Syste... LINEAR[Linear Integrated Systems] Linear Technology
|
25C040-P 25AA040-P 25LC040-P 25C040X-ST 25C040IN 2 |
Evaluation Kit for the MAX1748, MAX1779 Evaluation Kit for the MAX16803 Evaluation Kit for the MAX1760 High-Voltage, Step-Down DC-DC Controller in µMAX 500mA Low-Dropout Linear Regulator in UCSP Industry-Standard, 12-Bit ADC with Reference Evaluation Kit for the MAX1757, MAX1758 60mA, SOT23 Inverting Charge Pump with Shutdown Evaluation Kit for the MAX1700, MAX1701 125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters Evaluation Kit for the MAX1684, MAX1685 Evaluation Kit for the MAX1698 Evaluation Kit for the MAX1692 Evaluation Kit for the MAX1703 Evaluation Kit for the MAX1820, MAX1821 Complete, 100ksps, 8-Channel, 12-Bit Data Acquisition Systems SPI串行EEPROM High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver SPI串行EEPROM Evaluation Kit for the MAX1744, MAX1745 SPI串行EEPROM SPI Serial EEPROM SPI串行EEPROM
|
Microchip Technology, Inc.
|