PART |
Description |
Maker |
OP07D OP07DN OP07DR-REEL OP07DR-REEL7 OP07DR OP07D |
Ultralow Offset Voltage Operational Amplifier; Package: SOIC 150 MIL; No of Pins: 8; Temperature Range: Industrial OP-AMP, 350 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, PDSO8 150 μV Maximum Offset Voltage Op Amp 150 渭V Maximum Offset Voltage Op Amp 150 レV Maximum Offset Voltage Op Amp
|
Analog Devices, Inc.
|
LTC3632EDDTRPBF |
LTC3632 - High Efficiency, High Voltage 20mA Synchronous Step-Down Converter; Package: DFN; Number of Pins: 8; Temperature Range: –40°C to 125°C 0.02 A SWITCHING REGULATOR, PDSO8
|
Linear Technology, Corp.
|
LT3689HMSEPBF |
700mA Step-Down Regulator with Power-On Reset and Watchdog Timer; Package: 16-MSOP; Temperature Range: –40°C to 150°C 1.95 A SWITCHING REGULATOR, 2160 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|
ADM2914-1ARQZ-RL7 ADM2914-2ARQZ EVAL-ADM2914EBZ |
Quad UV/OV Positive/Negative Voltage Supervisor; Package: 16-QSOP 150 MIL; Temperature Range: -40°C to 125°C POWER SUPPLY SUPPORT CKT, PDSO16
|
Analog Devices, Inc. ANALOG DEVICES INC
|
SAM50FA |
0.5 AMP 5000 VOLTS 150 nsec HIGH VOLTAGE RECTIFIER
|
Solid States Devices, Inc
|
LTC3631IDD-5TRPBF LTC3631EDD-5TRPBF LTC3631IDD-5PB |
LTC3631 - High Efficiency, High Voltage 100mA Synchronous Step-Down Converter; Package: DFN; Number of Pins: 8; Temperature Range: –40°C to 85°C 0.1 A SWITCHING REGULATOR, PDSO8 LTC3631 - High Efficiency, High Voltage 100mA Synchronous Step-Down Converter; Package: DFN; Number of Pins: 8; Temperature Range: –40°C to 125°C 0.1 A SWITCHING REGULATOR, PDSO8 LTC3631 - High Efficiency, High Voltage 100mA Synchronous Step-Down Converter; Package: MSOP; Number of Pins: 8; Temperature Range: –40°C to 125°C 0.1 A SWITCHING REGULATOR, PDSO8 LTC3631 - High Efficiency, High Voltage 100mA Synchronous Step-Down Converter; Package: MSOP; Number of Pins: 8; Temperature Range: –40°C to 85°C 0.1 A SWITCHING REGULATOR, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
SSL22 |
Surface Mount Schottk
|
Shenzhen Taychipst Electronic Co., Ltd
|
FMC5 FMG9 FMJ1 FMQ1 |
P-Channel NexFET™ Power MOSFET 6-DSBGA -55 to 150 N-Channel NexFET™ Power MOSFET 8-SON -55 to 150 TRANSISTOR | 20V V(BR)CEO | 30MA I(C) | SOT-25 Digital Media Processor 529-FCBGA 0 to 90 晶体管| 50V五(巴西)总裁| 100mA的一(c)|采用SOT - 25
|
飞思卡尔半导体(中国)有限公司
|
LT1221_01 LT1221 LT1221CN8 LT1221CS8 LT1221MJ8 LT1 |
150MHz, 250V/ms, A 4 Operational Amplifier 150MHz, 250V/µs, AV>/=4 Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 1500 uV OFFSET-MAX, 150 MHz BAND WIDTH, PDIP8 150MHz, 250V/µs, AV>/=4 Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 1500 uV OFFSET-MAX, 150 MHz BAND WIDTH, PDSO8
|
LINER[Linear Technology] Linear Technology, Corp.
|
LTC3612EFETRPBF |
3A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter; Package: 20-TSSOP; Temperature Range: –40°C to 125°C 6.8 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO20
|
Linear Technology, Corp.
|
LTC4160EPDC-1PBF |
LTC4160/LTC4160-1 - Switching Power Manager with USB On-The-Go And Overvoltage Protection; Package: QFN; Number of Pins: 20; Temperature Range: –40°C to 125°C POWER SUPPLY MANAGEMENT CKT, PQCC20
|
Linear Technology, Corp.
|