PART |
Description |
Maker |
PAL20L8-10PC PAL20L8-10DC PAL20L8-10JC PAL20L8-102 |
CAP 0.1UF 100V 10% X7R RAD.20 .30X.30 BULK M-MIL-PRF-39014 STANDOFF Current Mode PWM Controller 16-SOIC -40 to 85 Current Mode PWM Controller 16-CDIP -40 to 85 Current Mode PWM Controller 20-PLCC -40 to 85 24-Pin TTL Programmable Array Logic 24引脚的TTL可编程阵列逻辑 24-Pin TTL Programmable Array Logic OT PLD, 10 ns, PQCC28
|
Advanced Micro Devices, Inc.
|
NCP1207 NCP1207/D |
PWM Current-Mode Controller for Quasi-Resonant Operation PWM电流模式控制器准谐振操作 IC,SMPS CONTROLLER,CURRENT-MODE,CMOS,DIP,8PIN,PLASTIC
|
ON Semiconductor
|
LX1553 LX1552 LX1554 LX1555 LX1552CDT LX1554CPWT |
Current-Mode SMPS Controller 1 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO20 Current-Mode SMPS Controller 1 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO14 ULTRA-LOW START-UP CURRENT, CURRENT-MODE PWM ULTRA-LOW START-UP CURRENT/ CURRENT-MODE PWM
|
Microsemi, Corp. Microsemi Corporation
|
ISL6560CB ISL6560 |
PWM Controller, 2-Phase Current Mode, 5-Bit VID, Reg ?.8%, 1.1-1.85 Voltage, VRM 9.0 Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
|
INTERSIL[Intersil Corporation]
|
IMP38C42_D IMP38C42EMA IMP38C42EPA IMP38C42EPD IMP |
BiCMOS Current-Mode PWM Controllers BiCMOS Cur BiCMOS Curr rent-Mode ent-Mode PWM Contr PWM Controller ollers s From old datasheet system BiiCMOS Currentt--Mode BiiCMOS Currentt--Mode External Plug-In Power Supply; Series:FW30; Output Voltage:12V; Output Power Max:30W; Output Current:2.5A; No. of Outputs:1; Input Current:2.50A; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No RECTIFIER BRIDGE 1.5A 800V 50A-ifsm 1.1V-vf 10uA-ir DFS 50/TUBE RECTIFIER STANDARD SINGLE 1A 400V 400 25A-ifsm 3uA-ir 1.1V-vf PowerDI123 3K/REEL 的BiCMOS电流模式PWM控制 RECTIFIER BRIDGE 1.5A 1000V 50A-ifsm 1.1V-vf 10uA-ir DFS 50/TUBE 的BiCMOS电流模式PWM控制 SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, UUC SWITCHING CONTROLLER, PDSO8 0.5 A SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO8
|
IMP[IMP Inc] A1 PROs co., Ltd. IMP[IMP, Inc] IMP Inc IMP INC.
|
MAX1954AEUB-TG05 MAX1954AEUB-TG077 |
Low-Cost, Current-Mode PWM Buck Controller with Foldback Current Limit
|
MAXIM - Dallas Semiconductor
|
NCP1249C |
High-Voltage Current-Mode PWM Controller Featuring Peak Power Excursion and Self-Relaxing Off Mode
|
ON Semiconductor
|
IDT71T75602S133BG IDT71T75802S200BG IDT71T75802S20 |
512K x 36/ 1M x 18 2.5V Synchronous ZBT SRAMs 2.5V I/O/ Burst Counter Pipelined Outputs 2.5V 512K X 36 ZBT Synchronous 2.5V I/O PipeLine SRAM 512K x 36, 1M x 18 2.5V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 512K x 36, 1M x 18 2.5V Synchronous ZBT?/a> SRAMs 2.5V I/O, Burst Counter Pipelined Outputs BULK COAXIAL CABLE; RE-SHAPABLE VERSION OF PE-047SR 512K x 36, 1M x 18 2.5V Synchronous ZBTSRAMs 2.5V I/O, Burst Counter Pipelined Outputs 1M X 18 ZBT SRAM, 4.2 ns, PQFP100 High-Performance Current-Mode PWM Controller 8-SOIC -40 to 85 1M X 18 ZBT SRAM, 3.2 ns, PBGA119 512K x 36, 1M x 18 2.5V Synchronous ZBTSRAMs 2.5V I/O, Burst Counter Pipelined Outputs 1M X 18 ZBT SRAM, 3 ns, PQFP100 Current-Mode PWM Controller 14-SOIC -40 to 85 1M X 18 ZBT SRAM, 3.8 ns, PQFP100 Current-Mode PWM Controller 8-PDIP -40 to 85 1M X 18 ZBT SRAM, 3.5 ns, PQFP100 Current-Mode PWM Controller 8-SOIC -40 to 85 1M X 18 ZBT SRAM, 5 ns, PQFP100
|
IDT Integrated Device Technology, Inc. SRAM
|
MC7773N6 |
Current Mode PWM Controller
|
Cystech Electonics
|