PART |
Description |
Maker |
LTC2246HLXPBF LTC2246H |
14-Bit, 25Msps 125C ADC In LQFP 14-Bit, 25Msps Low Power 3V ADCs 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQFP48
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
LTC1745IFW LTC1745CFW |
Low Noise,12-Bit, 25Msps ADC
|
Linear Technology
|
LTC1746 LTC1746CFW LTC1746IFWPBF LTC1746IFWTRPBF |
Low Power,14-Bit, 25Msps ADC; Package: SSOP; No of Pins: 48; Temperature Range: -40°C to 85°C 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PDSO48 Low Power,14-Bit, 25Msps ADC; Package: SSOP; No of Pins: 48; Temperature Range: 0°C to 70°C 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PDSO48
|
Linear Technology, Corp.
|
AD7470 HSC-INTERFACEBOARD EVAL-CONTROLBOARD AD7472 |
AD7470/AD7472: 1.75MSPS. 4mW 10-Bit/12-Bit SAR ADC Data Sheet (Rev. A. 3/00) 2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP 12-Bit, 2.7 V to 5.25 V, 1.5 MSPS Low Power ADC 10-Bit, 2.7 V to 5.25 V, 1.75 MSPS Low Power ADC 1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs 1.75MSPS, 4mW 10-Bit/12-Bit SAR ADC
|
Analog Devices, Inc. AD[Analog Devices]
|
LTC2296UP LTC2297UP LTC2298UP LTC2296CUP |
Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
|
Linear Technology
|
LTC2263-14 LTC2264CUJ-14 LTC2264CUJ-14PBF LTC2264C |
14-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
|
Linear Technology
|
LTC2170-14 LTC2171-14 LTM9006-14 LTM9010-14 LTC642 |
14-Bit, 65Msps/40Msps/ 25Msps Low Power Octal ADCs 14-Bit, 65Msps/40Msps/25Msps Low Power Octal ADCs
|
Linear Technology
|
LTC2192CUKGPBF LTC6421-20 LTC2259-14 LTC2190CUKGPB |
16-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
|
Linear Technology http://
|
LTC2170-12 LTC2171-12 LTC2170IUKG-12TRPBF LTC2170C |
12-Bit, 65Msps/40Msps/25Msps Low Power Quad ADCs
|
Linear Technology
|
AD7794CRUZ AD7794BRU AD7794BRU-REEL AD7794BRUZ-REE |
6-Channel, Low Noise, Low Power, 24-Bit Sigma Delta ADC with On-Chip In-Amp and Reference; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 6-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO24 6-Channel, Low Noise, Low Power, 24-/16-Bit Σ-Δ ADC with On-Chip In-Amp and Reference
|
Analog Devices, Inc.
|
MAX1444EHJT |
10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQFP32
|
Maxim Integrated Products, Inc.
|