PART |
Description |
Maker |
AM79C970A AM79C970AKC AM79C970AKCW AM79C970AVCW |
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
|
AMD[Advanced Micro Devices]
|
LAN91C96I07 LAN91C96ITQFP LAN91C96I-MU LAN91C96IQF |
Non-PCI Single-Chip Full Duplex Ethernet Controller
|
SMSC[SMSC Corporation]
|
LAN91C96I LAN91C96I-MS LAN91C96I-MU |
NON-PCI SINGLE-CHIP FULL DUPLES ETHERNET CONTROLLER
|
SMSC Corporation
|
AM79C971 AM79C971KCW AM79C971VCW |
PCnet⑩-FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus PCnet-FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
|
AMD[Advanced Micro Devices]
|
AM79C973 AM79C973KCW AM79C973VCW AM79C975KCW AM79C |
PCnet⑩-FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY PCNET⒙-FAST III SINGLE-CHIP 10/100 MBPS PCI ETHERNET CONTROLLER WITH INTEGRATED PHY PCnet-FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
|
AMD[Advanced Micro Devices]
|
KS8695PX |
Multi Port Single PCI Gateway on a Chip
|
Micrel Semiconductor
|
AM79C965A |
Single-chip 10/100 MBPS Pci Ethernet Controller
|
Advanced Micro Systems
|
BCM8603 |
EIGHT-PORT SAS/SATA-II TO PCI EXPRESS/PCI-X RAID-ON-CHIP
|
Broadcom Corp.
|
BT879KPF |
Single-chip video and broadcast audio capture for the PCI bus
|
Rockwell
|
LAN9116-MD LAN9116-MT LAN9116 |
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
|
SMSC Corporation
|
LAN9420-NU LAN9420I-NU |
Single-Chip Ethernet Controller with HP Auto-MDIX Support and PCI Interface
|
SMSC Corporation
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|