PART |
Description |
Maker |
K4C89183AF-GIFB K4C89083AF-ACF5 K4C89083AF-ACF6 K4 |
288Mb x18 Network-DRAM2 Specification
|
SAMSUNG[Samsung semiconductor]
|
MT44K16M36 |
576Mb: x18, x36 RLDRAM 3
|
Micron Technology
|
CY7C1367A-225AJC CY7C1367A-225BGC CY7C1366A-200AC |
x36 Fast Synchronous SRAM x36 Synchronous SRAM x18 Synchronous SRAM x18同步SRAM
|
Cypress Semiconductor Corp.
|
CY7C43646-10AC CY7C43646-15AC CY7C43646-7AC CY7C43 |
16K X 36 BI-DIRECTIONAL FIFO, 10 ns, PQFP128 1K/4K/16K x36/x18/x2 Tri Bus FIFO
|
CYPRESS SEMICONDUCTOR CORP
|
K4C89183AF K4C89083AF-GIFB K4C89083AF-AIFB K4C8909 |
288Mb x18 Network-DRAM2 Specification 288Mb x18网络DRAM2规范 Aluminum Electrolytic Radial Lead High Ripple, Long Life Capacitor; Capacitance: 100uF; Voltage: 250V; Case Size: 16x31.5 mm; Packaging: Bulk Aluminum Electrolytic Radial Lead High Ripple, Long Life Capacitor; Capacitance: 33uF; Voltage: 250V; Case Size: 12.5x20 mm; Packaging: Bulk JT 55C 55#22M PIN PLUG JT 8C 8#16 PIN PLUG Thyristor / Diode Module; Repetitive Reverse Voltage Max, Vrrm:2200V; Current, It av:430A; Gate Trigger Voltage Max, Vgt:3V; Gate Trigger Current Max, Igt:200mA; Package/Case:LD43; di/dt:200A/ s RoHS Compliant: Yes JT 55C 55#22 SKT PLUG
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
GS84032T-166 GS84032T-166I GS84032B-166I GS84032B- |
x32 Fast Synchronous SRAM x36 Fast Synchronous SRAM 256K x 18 128K x 32 128K x 36 4Mb Sync Burst x18 Fast Synchronous SRAM x18快速同步SRAM
|
Coilcraft, Inc.
|
GMM27316230ETG GMM27316233ENTG-7K |
x72 SDRAM Module x72内存模块 16Mx72|3.3V|75/7K|x18|SDR SDRAM - Registered DIMM 128MB 16Mx72 | 3.3 | 75/7K | x18 | SDRAM的特别提款权-注册128MB的内
|
ITT, Corp. Mini-Circuits
|
UPD4382322GF-A67 UPD4382362GF-A67 UPD4382162GF-A75 |
x32 Fast Synchronous SRAM x16 Fast Synchronous SRAM x18 Fast Synchronous SRAM x36 Fast Synchronous SRAM x36快速同步SRAM
|
Lumex, Inc.
|
GS82582T20 |
288Mb SigmaDDR-II TM Burst of 2 SRAM
|
GSI Technology
|
MT49H32M9 MT49H8M36 MT49H16M18 |
288Mb CIO Reduced Latency
|
Micron Technology, Inc.
|
MT49H16M18C MT49H32M9C MT49H16M18CFM-XX MT49H32M9C |
288Mb SIO REDUCED LATENCY(RLDRAM II)
|
Micron Technology, Inc.
|
IDT72T51233 IDT72T51233L5BB IDT72T51233L5BB8 IDT72 |
4Q x18 512K Multi-Queue, 2.5V 4Q x18 1M Multi-Queue, 2.5V 4Q x18 2M Multi-Queue, 2.5V
|
IDT
|