PART |
Description |
Maker |
IRF460 IRF460NBSP IRF460PBF |
500V Single N-Channel Hi-Rel MOSFET in a TO-204AE package HEXFET?TRANSISTORS 500V, N-CHANNEL N-Channel Enhancement MOSFET From old datasheet system TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.27ohm, Id=21) REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?TRANSISTORS THRU-HOLE (TO-204AA/AE)
|
IRF[International Rectifier]
|
IRFU420B IRFR420B IRFU420BTU IRFR420BTM IRFR420BTF |
500V N-Channel B-FET / Substitute of IRFR420 & IRFR420A 500V N-Channel B-FET / Substitute of IRFU420 & IRFU420A 500V N-Channel MOSFET 2.3 A, 500 V, 2.6 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251
|
FAIRCHILD[Fairchild Semiconductor] International Rectifier Fairchild Semiconductor, Corp.
|
OM6059SB OM6056 OM6061SB OM6056SB OM6057SB OM6058S |
High Current, High Voltage 500V , 58 Amp N-Channel, MOSFET(大电流,高电压,500V , 58A,N沟道,MOS场效应管) POWER MOSFETS IN A HERMETIC ISOLATED POWER BLOCK PACKAGE 100V Single N-Channel Hi-Rel MOSFET in a PB-3A package 500V Single N-Channel Hi-Rel MOSFET in a PB-3A package 600V Single N-Channel Hi-Rel MOSFET in a PB-3A package 200V Single N-Channel Hi-Rel MOSFET in a PB-3A package
|
List of Unclassifed Manufacturers International Rectifier ETC[ETC]
|
STE38NB50 5564 |
N-Channel 500V-0.11Ω-38A- ISOTOP PowerMESHTM MOSFET(N沟道MOSFET) N沟道500V -0.11Ω- 38A条,1000V的集电极PowerMESHTM MOSFET的(不适用沟道MOSFET的) N - CHANNEL PowerMESH MOSFET N - CHANNEL 500V - 0.11 - 38A - ISOTOP PowerMESH TM MOSFET From old datasheet system N - CHANNEL 500V - 0.11 ohm - 38A - ISOTOP PowerMESH MOSFET
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
FQB5N50C FQI5N50C FQB5N50CTM FQI5N50CTU |
500V N-Channel MOSFET 5 A, 500 V, 1.4 ohm, N-CHANNEL, Si, POWER, MOSFET 500V N-Channel Advance Q-FET C-Series
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQI13N50C FQB13N50C FQI13N50CTU |
500V N-Channel MOSFET 500V N-Channel Advance Q-FET C-Series
|
http:// FAIRCHILD[Fairchild Semiconductor]
|
IRFR430B IRFU430B IRFR430BTM |
500V N-Channel B-FET / Substitute of IRFR430A 500V N-Channel MOSFET
|
International Rectifier FAIRCHILD[Fairchild Semiconductor]
|
STD5NM50 STD5NM50-1 |
N-CHANNEL 500V - 0.7 OHM - 7.5A DPAK/IPAK MDMESH POWER MOSFET N-CHANNEL 500V - 0.7ohm - 7.5A DPAK/IPAK MDmeshPower MOSFET N-CHANNEL 500V - 0.7ohm - 7.5A DPAK/IPAK MDmesh⑩Power MOSFET N-CHANNEL 500V - 0.7ohm - 7.5A DPAK/IPAK MDmesh?Power MOSFET
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
IRFF420 FN1891 |
1.6A, 500V, 3.000 Ohm, N-Channel
Power MOSFET(1.6A, 500V, 3.000 Ω, N沟道功率MOS场效应管) 1.6A/ 500V/ 3.000 Ohm/ N-Channel Power MOSFET 1.6A, 500V, 3.000 Ohm, N-Channel Power MOSFET From old datasheet system
|
Intersil Corporation
|
IRF840S IRF840STRR IRF840STRL |
500V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=500V Rds(on)=0.85ohm Id=8.0A) Power MOSFET(Vdss=500V/ Rds(on)=0.85ohm/ Id=8.0A) Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A) 功率MOSFET(减振钢板基本\u003d 500V及的Rds(on)\u003d 0.85ohm,身份证\u003d 8.0A
|
IRF[International Rectifier] International Rectifier, Corp.
|