PART |
Description |
Maker |
CY7C1338G-100AXC |
4-Mbit (128 K x 32) Flow-Through Sync SRAM
|
Cypress Semiconductor
|
CY7C1371D-100AXI CY7C1371D-100BGI CY7C1373D-100BZI |
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 8.5 ns, PQFP100 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 18兆位(为512k × 36/1M × 18)流体系结构,通过与NoBLTM的SRAM 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 8.5 ns, PBGA165 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 6.5 ns, PBGA119 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 512K X 36 ZBT SRAM, 8.5 ns, PBGA165 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 6.5 ns, PQFP100 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 6.5 ns, PBGA165 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 512K X 36 ZBT SRAM, 8.5 ns, PBGA119
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1297H-133AXC |
1-Mbit (64K x 18) Flow-Through Sync SRAM; Architecture: Standard Sync, Flow-through; Density: 1 Mb; Organization: 64Kb x 18; Vcc (V): 3.1 to 3.6 V
|
CYPRESS SEMICONDUCTOR CORP
|
HYE25L128160AC-8 HYB25L128160AC-75 |
128-MBIT SYNCHRONOUS LOW-POWER DRAM IN CHIPSIZE PACKAGES 128 - Mbit同步低功率DRAMCHIPSIZE套票
|
Infineon Technologies A... Infineon Technologies AG
|
NAND01GW4A2CZB1 NAND01GW4A2AZB1T NAND512R3A0AN1E N |
128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories 128兆,256兆,512兆位千兆位(x8/x1628 Byte/264字的页面.8V/3V,NAND闪存芯片
|
意法半导 STMicroelectronics N.V.
|
CY7C1353G-133AXC CY7C1353G-133AXI CY7C1353G-117AXI |
4-Mbit (256K x 18) Flow-through SRAM with NoBL(TM) Architecture 4-Mbit (256K x 18) Flow-through SRAM with NoBL⑩ Architecture 4-Mbit (256K x 18) Flow-through SRAM with NoBL Architecture
|
CYPRESS[Cypress Semiconductor]
|
IS75V16F128GS32-7065BI |
3.0 Volt Multi-Chip Package (MCP) 128 Mbit Simultaneous Operation Flash Memory and 32 Mbit Pseudo Static RAM
|
Integrated Silicon Solution Inc
|
M48Z128Y-70PM1 M48Z128Y-120PM1 M48Z128Y-85PM1 M48Z |
5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER庐 SRAM 5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER? SRAM
|
STMicroelectronics
|
M29W128GH70N3E M29W128GL |
128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory 128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory
|
Numonyx B.V
|
CY7C1481V33-133BZXI CY7C1481V33-133AXI CY7C1481V33 |
72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM 1M X 72 CACHE SRAM, 6.5 ns, PBGA209 72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM 4M X 18 CACHE SRAM, 6.5 ns, PBGA165
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|