PART |
Description |
Maker |
X7550D |
SAW bandpass Filter Low loss bandpass filter for terrestrial TV applications
|
EPCOS[EPCOS]
|
X6756M B39234-X6756-M100 |
SAW bandpass filter Bandpass Filter for Digital Cable Applications
|
EPCOS[EPCOS]
|
LFB2H2G45SG7A204 |
FILTER,BANDPASS,2.4GHZ,SMT 2450 MHz, BAND PASS FILTER
|
Honeywell International, Inc.
|
TMXW348 |
SAW Bandpass Filter - US PCS Tx - RF 1 FUNCTIONS, 1880 MHz, SAW FILTER
|
Rakon France SAS TEMEX
|
FAR-F3DA-44M736-G999 FAR-F1DA FAR-F1DA-12M624-G201 |
TIMING EXTRACTION BANDPASS FILTER (1.5 to 100MHz) BAND PASS FILTER Octal D-type Transparent Latches with 3-state Outputs 20-SOIC 0 to 70 定时提取带通滤波器1.5100MHz Octal D-type Transparent Latches with 3-state Outputs 20-SOIC 0 to 70 定时提取带通滤波器.500MHz TIMING EXTRACTION BANDPASS FILTER (1.5 to 100MHz) 定时提取带通滤波器1.5100MHz TIMING EXTRACTION BANDPASS FILTER (1.5 to 100MHz) 定时提取带通滤波器.500MHz DIODE SMALL-SIGNAL 75V 300MA AXIAL DO-35 定时提取带通滤波器.500MHz Octal D-type Transparent Latches with 3-state Outputs 20-PDIP 0 to 70 900301001 DIODE SWITCHING SINGLE 75V 150mA-Io 500mW 4ns-trr DO35-GLASS 10K/REEL-13 MAC7111 EXT BUS,16CH A/D DIODE SWITCHING SINGLE 75V 150mA-Io 500mW 4ns-trr DO35-GLASS 10K/AMMO RECTIFIER STANDARD SINGLE 1A 1000V 1000 30A-ifsm 5uA-ir 1V-vf DO-41 5K/REEL-13 Timing extraction bandpass filter (1,5 to 100MHz)
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited. FUJITSU[Fujitsu Media Devices Limited] Fujitsu Microelectronics
|
TQ1422 |
GSM 850/900 DCS/PCS H3-Filter TQM7M4102 PA to Transceiver Interface Module GSM850/900 and DCS1800/PCS1900 Tx - Bandpass Filter
|
TRIQUINT[TriQuint Semiconductor]
|
1905A-4 |
Bandpass Filter
|
KR Electronics, Inc.
|
2395-85 |
Bandpass Filter
|
KR Electronics, Inc.
|
2395-40 |
Bandpass Filter
|
KR Electronics, Inc.
|
260951B |
SAW Bandpass Filter
|
Integrated Technology Future
|
2471-75-BNC |
Bandpass Filter
|
KR Electronics, Inc.
|