PART |
Description |
Maker |
STA510A |
44-volt, 5.5-amp, quad power half bridge
|
STMicroelectronics
|
WT274C WT274C-N140 WT274C-S140 WT272C WT272C-N080 |
Dual/Quad Low Power CMOS OP Amplifiers The WT272 (dual OP Amp) or WT274 (quad OP Amp) is an ideal upgrade for industrial standard ICs such as TL064/ MC34184/ TLC27L4/ and LM324
|
List of Unclassifed Manufacturers ETC
|
X9409WV24IZ-2.7 X9409WV24I-2.7 X9409WV24-2.7 X9409 |
Low Noise/Low Power/2-Wire Bus QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 Quad Digitally Controlled Potentiometers (XDCP™); Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24
|
数字电位 Intersil, Corp. Aimtec
|
FCPS-24S6 FCPS-24S8 |
6-Amp and 8-Amp 24-Volt Remote Power Supplies
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC
|
LTC487INPBF LTC487ISTRPBF |
Quad Low Power RS485 Driver; Package: PDIP; No of Pins: 16; Temperature Range: -40°C to 85°C QUAD LINE DRIVER, PDSO16
|
LINEAR TECHNOLOGY CORP
|
AD70402 AD704AN AD704 AD704JR-_REEL AD704TQ_883B A |
-18V; quad picoampere inout current bipolar Op Amp. For industrial/process controls, weigh scales Quad Picoampere Input Current Bipolar Op Amp OP-AMP|QUAD|BIPOLAR|SOP|16PIN|PLASTIC
|
Analog Devices
|
LT2079ACS LT2079ACSTRPBF LT2079ACSPBF |
Micropower, Dual and Quad, Single Supply, Precision Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C QUAD OP-AMP, 410 uV OFFSET-MAX, 0.2 MHz BAND WIDTH, PDSO14
|
Linear Technology, Corp.
|
MOTOROLAINC-LMT324DR2 LMT2902DR2 LMT324B |
Quad Low Power Operational Amplifiers QUAD OP-AMP, 10000 uV OFFSET-MAX, PDSO14
|
MOTOROLA INC
|
X9259_07 X9259 X9259TS24 X9259TS24-2.7 X9259TS24I |
Quad Digitally-Controlled Potentiometers Quad Digitally Controlled (XDCP™)Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R QUAD 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 Quad Digitally Controlled (XDCP™)Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-TSSOP T&R QUAD 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
LT136610 LT1369CS-PBF LT1369CS-TRPBF LT1366CN8-PBF |
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C QUAD OP-AMP, 1150 uV OFFSET-MAX, 0.16 MHz BAND WIDTH, PDSO14
|
Linear Technology, Corp.
|
MHPM7B25A120B MHPM7B25A120D |
25 AMP, 1200 VOLT HYBRID POWER MODULE
|
MOTOROLA[Motorola, Inc]
|
MSK4351ED |
50 AMP, 500 VOLT IGBT PLUS DIODE FULLY ISOLATED SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
|
ETC
|