PART |
Description |
Maker |
BD675 BD679A BD677A BD677 ON0196 BD675A BD679 BD67 |
From old datasheet system 4.0 AMPERE POWER TRANSISTORS Plastic Medium-Power Silicon NPN Darlingtons DARLINGTON POWER TRANSISTORS NPN SILICON
|
MOTOROLA[Motorola, Inc] ON Semiconductor Motorola Inc Motorola, Inc.
|
MJ16018 MJW16018 ON1986 |
Power 10A 800V NPN From old datasheet system NPN Silicon Power Transistors POWER TRANSISTORS 10 AMPERES 800 VOLTS 125 AND 175 WATTS 10 A, 800 V, NPN, Si, POWER TRANSISTOR, TO-247AE
|
MOTOROLA[Motorola, Inc] ON Semiconductor Motorola Mobility Holdings, Inc.
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
BUS98 BUS98A ON0252 |
SITCHMODE Series NPN Silicon Power Transistors From old datasheet system 30 AMPERES NPN SILICON POWER TRANSISTORS(SWITCHMODE SERIES)
|
Motorola Inc Motorola, Inc. ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc] http://
|
MJ16010 MJ16012 MJW16012 MJW16010 ON1985 |
15 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 135 AND 175 WATTS 15 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-204AA 15 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 135 AND 175 WATTS 15 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-247AE NPN SILICON POWER TRANSISTORS 15 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-247AE From old datasheet system
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
2N4922 2N4921 2N4923 2N4921-D |
Medium-Power Plastic NPN Silicon Transistors 1 AMPERE GENERAL PURPOSE POWER TRANSISTORS 30 WATTS
|
ONSEMI[ON Semiconductor]
|
MJE13002 MJE13003 |
1.400W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 1.500A Ic, 8 - 40 hFE. NPN EPITAXIAL SILICON POWER TRANSISTORS
|
Continental Device India Limited
|
2N2220 2N2221 2N2222 Q68000-A4573 Q62702-F134 Q627 |
NPN Silicon Planar Transistors 800 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 NPN Silicon Planar Transistors NPN硅平面晶体管
|
SIEMENS[Siemens Semiconductor Group] Siemens Group SIEMENS AG
|
2SD794 2SD794A 2SD794A-AZ |
3000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SILICON POWER TRANSISTORS
|
NEC[NEC]
|
MJ2500 MJ2501 |
Silicon PNP Power Transistors Silicon NPN Power Transistors
|
Savantic, Inc.
|