PART |
Description |
Maker |
Q62705-K274 KPY33-RK |
Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex Power Semiconductors Mitsubishi Electric Corporation
|
Q60103-Y32-E Q60103-Y32-F Q60103-Y23-F Q60103-Y23- |
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Current, It av:6A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes PNP晶体管为自动输入 Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes PNP TRANSISTORS FOR AF INPUT STAGES
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
APT30GT60BRG APT30GT60BR08 |
Low Forward Voltage Drop The Thunderbolt IGBT is a new generation of high voltage power IGBTs.
|
Microsemi Corporation Advanced Power Technology
|
LFTVS18-1F3 |
Low forward voltage TransiTM, transient voltage suppressor
|
STMicroelectronics
|
CBD20200VDCT010001 CBD20200VDCT000001 |
Ultra Low forward voltage drop, low power loss
|
Pan Jit International Inc.
|
ENA2038 |
Motor Driver, Forward/Reverse, Low-Saturation, Low-Voltage, 12 V
|
ON Semiconductor
|
SBM3060VFCT |
Ultra low forward voltage drop, low power loss
|
Pan Jit International Inc.
|
SBM860VSS |
Ultra low forward voltage drop, low power losses
|
Pan Jit International I...
|
WSL3637L5000FEA WSL3637L5000FEK WSL3637L5000JEA WS |
LED Indicator; LED Color:Red; Forward Current:20mA; Forward Voltage:28V; Color:Red; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No Power Metal Strip shunts, very low R-val
very low R-value, very low TCR;
low thermal EMF LED Indicator; Color:Green; Luminous Intensity (MSCP):1000foot lambert; Voltage Rating:24V; LED Color:Green; Leaded Process Compatible:No; Lens Style:(H x Dia) 35.6 x 19.80 mm; Lens Width:17.8; Mounting Type:Through Hole Power Metal Strip Resistors, Low Value, Surface Mount
|
Vishay Intertechnology,Inc. Vishay Siliconix
|
1N60 |
Low forward voltage drop - low power consumption
|
New Jersey Semi-Conductor Products, Inc.
|