PART |
Description |
Maker |
MC54F367 MC54F368J MC74F367D MC74F367N MC54F367J M |
Hex buffer/driver 4-bit plus 2-bit noninverting and inverting,3-state F367 HEX BUFFER/DRIVER 4-BIT PLUS 2-BIT, NONINVERTING 3-STATE
|
Motorola, Inc
|
KK74HC365A |
Hex 3-State Noninverting Buffer with Common Enables
|
KODENSHI KOREA CORP.
|
IN74HC365A IN74HC365AD IN74HC365AN |
Hex 3-State Noninverting Buffer with Common Enables High-Performance Silicon-Gate CMOS
|
IK Semicon Co., Ltd
|
HD74164 HD74S10 HD74S11 HD74S112 HD74S113 HD74S114 |
TTLHD74/HD74SSeries Quadruple 2-Input Positive-OR Gates 20-LCCC -55 to 125 Bridge Rectifier; Repetitive Reverse Voltage Max, Vrrm:45V; Package/Case:TO-3P; Current Rating:15A; Forward Current:0.03A; Forward Voltage:0.76 Hex Noninverting Buffers With Open-Collector Outputs 14-CDIP -55 to 125 Hex Noninverting Buffers With Open-Collector Outputs 20-LCCC -55 to 125 Hex Noninverting Buffers With Open-Collector Outputs 14-CFP -55 to 125 VARACTOR-33.0 PF AT 4 V TTLHD74/HD74S系列 Quadruple 2-Input Positive-NAND Gates 14-CDIP -55 to 125 TTL电HD74/HD74S系列 D-AM RADIO TUNING DIODE TTL HD74/HD74S Series
|
http:// HITACHI[Hitachi Semiconductor]
HITACHI
Hitachi,Ltd.
|
MC74HCT245ASD MC54HCT245AJ MC54_74HCT245A ON1518 M |
Octal 3-State Noninverting Bus Transceiver with LSTTL-Compatible Inputs Octal 3-State Noninverting Bus Transceiver with LSTTL Compatible Inputs OCTAL 3-STATE NONINVERTING BUS TRANSCELVER WLTH LSTTL COMPATIBLE INPUTS From old datasheet system
|
Motorola, Inc ON Semi MOTOROLA[Motorola Inc]
|
74HC125 74HC125DR2G 74HC125DTR2G MC74HC125ADG |
Quad 3−State Noninverting Buffers Quad 3?State Noninverting Buffers
|
ON Semiconductor
|
IN74VHC125N IN74VHC125 IN74VHC125D |
SQUAD 3-STATE NONINVERTING BUFFERS 队三态同相缓冲器 9-Bit Bus-Interface D-Type Latches With 3-State Outputs 24-SOIC -40 to 85 队三态同相缓冲器
|
INTEGRAL JOINT STOCK COMPANY INTEGRAL[Integral Corp.] IK Semicon Co., Ltd
|
MC74VHC126-D |
Noninverting 3-State Buffer
|
ON Semiconductor
|
MC74VHCT50AM MC74VHCT50ADT MC74VHCT50AD MC74VHCT50 |
Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs AHCT/VHCT SERIES, HEX 1-INPUT NON-INVERT GATE, PDSO14 Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
|
ONSEMI[ON Semiconductor]
|
GD74HC244 |
Octal Noninverting 3-State Buffers
|
Hynix Semiconductor
|
MC74HC125ADR2 |
Quad 3-State Noninverting Buffers
|
ON Semiconductor
|