PART |
Description |
Maker |
D2425F-10 H12D4840D D2440D |
IC,Normally-Open Panel-Mount Solid-State Relay,2-CHANNEL,M:HL048HD4.4 DUAL TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX RELAY, SOLID STATE DUAL 40A 240VAC DUAL TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom Inc. Crydom, Inc. CRYDOM CORP
|
4D2450 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
ASSR-1411-001E ASSR-1410 ASSR-1410-003E ASSR-1420 |
TRANSISTOR OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX General Purpose, Form A, Solid State Relay (Photo MOSFET)
|
AVAGO TECHNOLOGIES LIMITED
|
SN-A24B SN-A200BF SN-A100BF SN-A12B SN-D100BF SN-D |
SOLID STATE RELAY (I/O Module) MAXIMUM LOAD CURRENT 1 A TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX 20 X 5 MM, 17 MM HEIGHT, ROHS COMPLIANT, ULTRA SLIM PACKAGE-4
|
Fujitsu Component Limited. http:// FUJITSU Component., Ltd.
|
TSS2J47 TSS2G45 TSS2G47 TSS2J45 |
SOLID STATE AC RELAY OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON ZERO CURRENT TURN-OFF, NORMALY OPEN SSR (TSS2x4x) TOSHIBA SOLID STATE AC RELAY
|
TOSHIBA[Toshiba Semiconductor] http://
|
AQV414EA |
Solid State Relay (with MOSFET Output) 6pin DIP (Form B, Normally-Closed) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp.
|
AQV202AX AQV102 AQV101AX |
Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp. PANASONIC CORP
|
TSS1J47S TSS1G45S TSS1G47S TSS1J45S |
SOLID STATE AC RELAY OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON ZERO CURRENT TURN-OFF, NORMALY OPEN SSR TOSHIBA SOLID STATE AC RELAY
|
TOSHIBA[Toshiba Semiconductor]
|
HSR412 HSR412L HSR312L HSR312 HSR412LSR2 HSR312S H |
Optically Coupled Solid State Relay PHOTOVOLTAIC SOLID-STATE RELAY OPTOCOUPLERS
|
FAIRCHILD[Fairchild Semiconductor]
|
TSZ1J2A45-N |
SOLID STATE AC RELAY OPTICALLY ISOLATED, NORMALLY OPEN DUAL IN ONE PACKAGE TYPE SSR TOSHIBA SOLID DTATD AC RELAY
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|