PART |
Description |
Maker |
74AUP1G80GW 74AUP1G80GM 74AUP1G80GN |
Low-power D-type flip-flop; positive edge trigger 低功耗D型触发器;上升沿触 Low-power D-type flip-flop; positive edge trigger AUP/ULP/V SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, INVERTED OUTPUT, PDSO6
|
NXP Semiconductors N.V.
|
74AUP1G74GT-G 74AUP1G74GF |
Low-power D-type flip-flop with set and reset; positive-edge trigger AUP/ULP/V SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO8
|
NXP Semiconductors N.V.
|
CD4013BMS CD4013BE CD4013 FN3080 |
D-Type Flip Flop, Dual, Rad-Hard, CMOS, Logic From old datasheet system CMOS Dual ‘D’-Type Flip-Flop CMOS Dual ??Type Flip-Flop IC-4000CMOS
CMOS Dual D-Type Flip-Flop CMOS Dual ‘D?Type Flip-Flop
|
INTERSIL[Intersil Corporation]
|
74LVTH374 74LVT374 74LVT374WMX 74LVTH374WMX 74LVTH |
Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs From old datasheet system Octal D-Type Flip-Flop 八路D类触发器
|
Fairchild Semiconductor, Corp.
|
74LCXH162374MTX 74LCXH162374 74LCXH162374GX 74LCXH |
Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26з Series Resistors in Outputs LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 From old datasheet system Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26 Ohm Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26 Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
5962F9863501VXC 5962F9863501VCC 5962F9863501V9A AC |
3-line to 8-line decoder / demultiplexer 16-SOIC 0 to 70 Contact Protector; Weight:163g Radiation Hardened Quad D-Type Flip-Flop
with Reset(抗辐射四D触发器(带复位功能)) Radiation Hardened Quad D-Type Flip- Flop with Reset AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, CDIP16 Radiation Hardened Quad D-Type Flip- Flop with Reset AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, UUC16 Radiation Hardened Quad D-Type Flip- Flop with Reset
|
Intersil Corporation Intersil, Corp.
|
74AUP1G79GW 74AUP1G79GN 74AUP1G79GV |
Low-power D-type flip-flop; positive-edge trigger
|
NXP Semiconductors
|
74VHC74MTC 74VHC74N 74VHC74SJ 74VHC74 74VHC74MTCX |
Dual D-Type Flip-Flop 双D型触发器 Supervisor Push-Pull Active High, -40C to 85C, 3-SOT-23, T/R Dual D-Type Flip-Flop with Preset and Clear
|
Fairchild Semiconductor, Corp.
|
PI74STX1G79TX PI74STX1G79 PI74STX1G79CX |
FLIP-FLOP|SINGLE|D TYPE|CMOS|TSSOP|6PIN|PLASTIC 触发器|单| D型|的CMOS | TSSOP封装| 6针|塑料 SOTiny Gate STX Single Positive-Edge-Triggered D-Type Flip-Flop
|
Pericom Semiconductor, Corp. PERICOM[Pericom Semiconductor Corporation]
|
74AUP1G175GW |
Low-power D-type flip-flop with reset; positive-edge trigger
|
Nexperia
|
74AUP2G80GS |
Low-power dual D-type flip-flop; positive-edge trigger
|
NXP Semiconductors
|
74AUP1G175GF 74AUP1G175GM 74AUP1G175GW |
Low-power D-type flip-flop with reset; positive-edge trigger
|
NXP Semiconductors
|