PART |
Description |
Maker |
2SB1151-T60-T 2SB1151L-T60-T 2SB1412-TN3-F-R 2SB14 |
NPN SILICON TRANSISTOR POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS HIGH VOLTAGE HIGH SPEED SWITCHING BIPOLAR POWER GENERAL PURPOSE TRANSISTOR HIGH VOLTAGE SWITCHING TRANSISTOR LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
2SC3307 E000825 |
NPN TRIPLE DIFFUSED TYPE (HIGH SPEED AND HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR, HIGH SPEED DC-DC CONVERTER APPLICATIONS) From old datasheet system HIGH SPEED AND HIGH VOLTAGE SWITCHING APPLICATIONS SWITCHING REGULATOR APPLICATIONS
|
Toshiba Semiconductor
|
2SA18621 2SA2072 2SA1862 |
High-voltage Switching Transistor (?400V, ?2A) High-voltage Switching Transistor (−400V, −2A) High voltage discharge, High speed switching, Low Noise (?60V, ?3A)
|
ROHM[Rohm]
|
2SC4636LS |
NPN Triple Diffused Planar Silicon Transistor 1800V / 10mA High-Voltage Amplifier, High-Voltage Switching Applications 1800V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
KTC4520F |
TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR/ HIGH VOLTAGE/ HIGH VOLTAGE SWITCHING)
|
KEC(Korea Electronics)
|
2SK3748 |
N CHANNEL MOS SILICON TRANSISTOR High-Voltage High-Speed Switching Applications High-Voltage, High-Speed Switching Applications From old datasheet system
|
SANYO[Sanyo Semicon Device]
|
CMPD2004S CMPD2003 CMPD2003C CMPD2003S CMPD2004 CM |
SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE SMD Switching Diode Dual: High Voltage: Common Anode
|
CENTRAL[Central Semiconductor Corp]
|
2SK2608 |
Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出 N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR APPLICATIONS)
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
CMDD7006 |
SMD Switching Diode Single: High Voltage SURFACE MOUNT VERY HIGH VOLTAGE SILICON SWITCHING DIODE
|
CENTRAL[Central Semiconductor Corp]
|
NCP1050ST100 NCP1050ST44 NCP1052P136 NCP1050/D NCP |
Monolithic High Voltage Gated Oscillator Power Switching Regulator 2 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PDSO4 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 2 A SWITCHING REGULATOR, 154 kHz SWITCHING FREQ-MAX, PDIP8 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 24字符X2行,5X7点矩阵字符和光标
|
ON Semiconductor
|
2SC2782 2SC2792 E000765 |
TRANSISTOR (SWITCHING REGULATOR AND HIGH VOLTAGE/ HIGH SPEED DC-DC CONVERTER APPLICATIONS) VHF BAND POWER AMPLIFIER APPLICATIONS TRANSISTOR (SWITCHING REGULATOR AND HIGH VOLTAGE HIGH SPEED DC-DC CONVERTER APPLICATIONS) From old datasheet system TRANSISTOR (SWITCHING REGULATOR AND HIGH VOLTAGE, HIGH SPEED DC-DC CONVERTER APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|
2SC2555 |
TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING AND HIGH SPEED DC-DC CONVERTER APPLICATIONS
|
TOSHIBA
|