PART |
Description |
Maker |
IR2105 IR2105S |
Half Bridge Driver, Single Input, All High Voltage Pins On one Side, Fixed 520ns Deadtime in a 8-lead SOIC package Half Bridge Driver, Single Input, All High Voltage Pins On one Side, Fixed 520ns Deadtime in a 8-pin DIP package High Voltage, High Speed Power MOSFET and IGBT Driver
|
IRF[International Rectifier]
|
L6386D L6386 E-L6386D013TR |
0.65 A HALF BRDG BASED MOSFET DRIVER, PDSO14 HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
|
STMICROELECTRONICS[STMicroelectronics]
|
IDT6168LA85EB IDT6168SA85EB IDT6168LA20LB IDT6168S |
High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down, High Creepage Package x4 SRAM x4的SRAM High and Low Side Driver x4的SRAM
|
Electronic Devices, Inc. Pyramid Semiconductor, Corp.
|
HV62208 HV62208X HV62208PG |
32-Channel 256 Gray-Shade High Voltage Driver RES NON-IND WW 150 OHM 1/2W AXL EL DISPLAY DRIVER, PQFP64
|
SUTEX[Supertex, Inc] SUTEX[Supertex Inc] Supertex Inc
|
ISL6801AB ISL6801AB-T |
High Side Driver, N-Channel MOSFET, Bootstrap Supply High Voltage Bootstrap High Side Driver
|
Intersil Corporation
|
LTC4440-5-15 |
High Speed, High Voltage, High Side Gate Driver
|
Linear Technology
|
LTC4440ES6 LTC4440 LTC4440EMS8E LTC444009 |
High Speed, High Voltage High Side Gate Driver
|
Linear Technology
|
ISL6205CB ISL6205CB- ISL6205 ISL6205CB-T |
Octal D-Type Transparent Latches With 3-State Outputs 20-TSSOP -40 to 85 0.85 A BUF OR INV BASED MOSFET DRIVER, PDSO8 High Voltage Synchronous Rectified Buck MOSFET Driver Dual MOSFET Driver, N-Channel, 25V, use with Multiphase Controllers, 850mA
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MAX16814AV MAX1681410 MAX16814UTP |
Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
|
Maxim Integrated Produc... Maxim Integrated Products
|
MAX16814CAUP MAX16814CAUPT |
Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
|
MAXIM - Dallas Semiconductor
|
CAT24FC16RITE13REV-F CAT24FC16JITE13REV-F CAT24FC1 |
CAT5E PATCH CORD 100MHZ 4 FOOT BEIGE Aluminum Electrolytic SMT General Purpose Capacitor; Capacitance: 33uF; Voltage: 25V; Case Size: 6.3x5 mm; Packaging: Tape & Reel LM5100/LM5101 High Voltage High Side and Low Side Gate Driver; Package: SOIC NARROW; No of Pins: 8 16-kb I2C Serial EEPROM 16-kb, High Speed, Low Voltage I2C Serial EEPROM
|
CATALYST[Catalyst Semiconductor]
|
MP441207 MP4412 |
High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
|
Toshiba Semiconductor
|