PART |
Description |
Maker |
12CR6 6CR6 |
DIODE DETECTOR REMOTE CUTOFF PENTODE
|
List of Unclassifed Manufacturers
|
HSMS-B2825 HSMS-B2825-TR2G HSMS-2820-BLKG HSMS-282 |
HSMS-282P · RF mixer/detector diode HSMS-282K · RF mixer/detector diode Surface Mount RF Schottky Barrier Diodes HSMS-282F · RF mixer/detector diode HSMS-2829 · RF mixer/detector diode HSMS-282R · RF mixer/detector diode HSMS-2825 · RF mixer/detector diode HSMS-2823 · RF mixer/detector diode HSMS-2822 · RF mixer/detector diode HSMS-2824 · RF mixer/detector diode HSMS-2820 · RF mixer/detector diode HSMS-282L · RF mixer/detector diode
|
Agilent(Hewlett-Packard... http:// HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
MC3373 MC3373D MC3373P |
Remote Control Amplifier/Detector
|
Motorola, Inc
|
NCP1421 NCP1421D NCP1421DMR NCP1421DMR2 NCP1421DMR |
600 mA Sync-Rect PFM Step-Up DC-DC Converter with True-Cutoff and Ring-Killer(带真切断(true-cutoff)和振荡消除(ring-killer)的600mA同步整流PFM步升DC-DC 转换 600 mA Sync-Rect PFM Step-Up DC-DC Converter Step-Up DC-DC Converter with True-Cutoff and Ring-Killer 1.5 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO8
|
ONSEMI[ON Semiconductor] Rectron Semiconductor
|
BH4126FV A5800611 |
Wide band IF detector for digital cordless phone and RF remote control units From old datasheet system
|
ROHM
|
Q62702-A764 BAT30 |
silicon sohottlky diode RF detector low-power bias very low capaacitance For freguencies up to 25Ghz FILTER BANDPASS 2.4GHZ 1008 SMD silicon schottky diode (RF detector Low-power mixer Zerobias Very low capacitance for frequencies up to 25 GHz) From old datasheet system silicon schottky diode (RF detector, Low-power mixer, Zerobias, Very low capacitance, for frequencies up to 25 GHz)
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
RPMS2401-H19 |
LOGIC OUTPUT PHOTO DETECTOR Ultra-compact Surface Mount Remote Control Photoreceiver Module
|
Rohm
|
HSS4148 |
Small Signal Diode Silicon Epitaxial Planar Diode for Various Detector, Modulator, Demodulator
|
Renesas Electronics Corporation
|
TC51 TC51N1802ECBTR TC51N5002ECBTR TC51N2702ECBTR |
1A Voltage Detector with Output Delay 1UA Voltage Detector with Output Delay The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. It is particularly well-suited for battery powered applications because of its ex-tremely low 1 µA operating current and small surface-mount p 1ヌA VOLTAGE DETECTOR WITH OUTPUT DELAY 1レA Voltage Detector with Output Delay 1μA Voltage Detector with Output Delay FLUORESCENT STARTER TO 65WFLUORESCENT STARTER TO 65W; Diameter, External:21.5mm; Length / Height, external:40.3mm; Material:Polycarbonate; Voltage, supply AC:220V
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
ECL86 |
High Mu Triode Sharp Cutoff Pentode
|
RCA
|
6AW8 |
HIGH-MU TRIODE-SHARP-CUTOFF PENTODE
|
List of Unclassifed Manufacturers
|