PART |
Description |
Maker |
Z80C30 Z80C3008PSC Z80C3008VSC Z80C3010PSC Z80C301 |
CMOS SCC SERIAL COMMUNICATIONS CONTROLLER
|
ZILOG[Zilog, Inc.]
|
Z8023010VSC Z8023016PSC Z8023016VSC Z8023010PSC Z1 |
ZiLOGs Family of Serial Communication Controllers ZiLOG’s Family of Serial Communication Controllers
|
Zilog, Inc.
|
SCC05 SCC100A SCC15 SCC15A SCC30 SCC300A |
(SCC Series) Pressure Sensors
|
SenSym
|
1109477-P 1109477 |
64-Pin DIP-to-PLCC 68-Pin Zilog Z80180 Adapter
|
Aries Electronics, Inc.
|
SD-98821-002 0104413211 0988211069 |
3.33mm (.131") Pitch SCC Pin Housing for 1.5mm (.059") Tab, Non Sealed, 3 Circuits, Brown 3.33mm (.131) Pitch SCC Pin Housing for 1.5mm (.059) Tab, Non Sealed, 3 Circuits, Brown
|
Molex Electronics Ltd.
|
UB264B UB264BG-P08-R UB264BL-P08-R |
LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
|
Unisonic Technologies
|
AT24C02B-PU AT24C02BN-SH-T AT24C02BY6-YH-T AT24C02 |
DIE SALE, 1.8V, 11 MIL(SERIAL EE) 256 X 8 I2C/2-WIRE SERIAL EEPROM, UUC 8 TSSOP, PB/HALO FREE, NIPDAU, 1.8V(SERIAL EE) 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Two-wire Serial EEPROM
|
聚兴科技股份有限公司 Atmel, Corp. ATMEL Corporation
|
AT24C64 AT24C64-10PC AT24C64-10PC-1.8 AT24C64-10PC |
128 x 64 pixel format, LED or EL Backlight available 2-WireSerialEEPROM ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) IC,Normally-Open PC-Mount Solid-State Relay,1-CHANNEL,M:ML043MW015 M Series (0.4") I/O Module 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 2-Wire Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Quadruple 2-Input Positive-OR Gates 14-VQFN -40 to 85 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 2-Wire Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 16 characters x 4 Lines, 5x7 Dot Matric Character and Cursor 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 2-Wire Serial EEPROM 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 16 characters x 4 Lines, 5x7 Dot Matric Character and Cursor 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CAP 2.2UF 16V 10% TANT SMD-3216-18 TR-13 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 Hex Buffers And Line Drivers With 3-State Outputs 16-SSOP -40 to 85 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 Quadruple 2-Input Positive-OR Gates 14-TSSOP -40 to 85 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14
|
ATMEL[ATMEL Corporation] Atmel Corp. ATMELCorporation Atmel, Corp. ATM Electronic, Corp. TE Connectivity, Ltd.
|
NM24C32 NM24C32FN NM24C32FVM8 NM24C32FLVM8 NM24C32 |
I2C Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 I2C Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 32K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
LTC1609 LTC1609ACSW LTC1609AISW LTC1609CG LTC1609C |
Round, Jacket Mass-Terminated Cable, 3659/40 28 AWG, .050 (1.27) 3-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO28 16-Bit, 200ksps, Serial ADC with Multiple Input Ranges 16-Bit, 200ksps, ADC, Serial Interface 16-Bit, 200ksps, Serial Sampling ADC
|
Linear Technology, Corp.
|
FM24C08U_09U FM24C16U_17U FM24C02U FM24C04U_05U FM |
I2C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 I2C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CONN HEADER .05 90POS DUAL T/H M1 - M1 CABLE 6 FEET 2K-Bit Standard 2-Wire Bus Interface Serial EEPROM From old datasheet system 2K--Bit Standard 2-Wire Bus Interface Serial EEPROM
|
http:// Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|