PART |
Description |
Maker |
V175LA20CPX425 V175LA10CP V175LA5CP V320LA10CP V32 |
Radial Lead Varistors
|
Littelfuse, Inc.
|
2130LA2 2130LA20A |
RADIAL LEAD VARISTORS LA SERIES
|
New Jersey Semi-Conduct...
|
V180ZA05 V180ZA1 V180ZA10 V180ZA20 V180ZA5 V82ZA12 |
Radial lead metal-oxide varistors, 115V From old datasheet system DB9 FEMALE TO RJ45 10 WIRMODULAR ADAPTER (GRAY) Computers; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No DB9 MALE TO RJ45 8 WIRE MODULAR ADAPTER (RED) CRIMP SHELLS, DB9 MALE Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:22-32 CAP .0033UF 100V METAL POLY Shielded Multiconductor Cable; Number of Conductors:37; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes DIODE ZENER SINGLE 500mW 4.7Vz 20mA-Izt 0.05 5uA-Ir 2 SOD-123 3K/REEL Brilliance Bundled Coaxial Cable; Impedance:75ohm; Conductor Size AWG:30; No. Strands x Strand Size:7 x 38; Jacket Material:Polyvinylchloride (PVC Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:21; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:22-21 Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation 径向引线金属氧化物压敏电阻的低中压运 Radial lead metal-oxide varistors, 110V Radial lead metal-oxide varistors, 130V Radial lead metal-oxide varistors, 92V Radial lead metal-oxide varistors, 75V Radial lead metal-oxide varistors, 140V
|
http:// HARRIS[Harris Corporation] Harris, Corp. Harris Semiconductor
|
V320LA10P V460LA7P V250LC40BP V1000LA80AP V250LA10 |
Radial Lead Varistors LA Series Radial Lead Varistors LA Series
|
Littelfuse
|
V68ZA05 V68ZA10 |
(ZA Series) Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation
|
Harris Corporation
|
B72207S2131K101 B72207S2141K101 B72207S2151K101 B7 |
SIOV metal oxide varistors Leaded varistors, AdvanceD series
|
EPCOS
|
TRU050-GCLCA TRU050-GCLFA TRU050-GCLGA TRU050-TECH |
SINGLE DROP IN QUARTZ STABILIZED PLL SOLUTUION 单稳定下降,石英锁相环SOLUTUION CAP CER 1.5UF 10V Y5V 0805 Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 470uF; Voltage: 16V; Case Size: 8x11.5 mm; Packaging: Bulk Aluminum Electrolytic Radial Lead 5mm Length Low Impedance Capacitor; Capacitance: 10uF; Voltage: 25V; Case Size: 5x5 mm; Packaging: Bulk Aluminum Electrolytic Radial Lead 5mm Length Low Impedance Capacitor; Capacitance: 47uF; Voltage: 16V; Case Size: 6.3x5 mm; Packaging: Bulk R8C Series, 20 Group, WDTO 48P6Q-A Aluminum Electrolytic Radial Lead 5mm Length Capacitor; Capacitance: 10uF; Voltage: 50V; Case Size: 6.3x5 mm; Packaging: Tape & Ammo
|
Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers
|
687KXM010M 688KXM010M 227KXM010M 228KXM010M 107KXM |
105隆?C Low Impedance Radial Lead Aluminum Electrolytic Capacitors 105掳C Low Impedance Radial Lead Aluminum Electrolytic Capacitors 105°C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
|
Illinois Capacitor, Inc...
|
227HSM010M 228HSM010M 108HSM010M 338HSM010M 477HSM |
125隆?C Standard Radial Lead Aluminum Electrolytic Capacitors 125°C Standard Radial Lead Aluminum Electrolytic Capacitors
|
Illinois Capacitor, Inc.
|
V20E420L4B7 V07E140P V07E150P V07E130P V14E130P V0 |
Radial Lead Varistors > UltraMOVTM Series UltraMOV?/a> Varistor Series UltraMOV?Varistor Series UltraMOV?Varistor Series
|
Littelfuse
|
227RZS025M 107RZS025M 108RZS025M 337RZS025M 228RZS |
105°C High Frequency Radial Lead Aluminum Electrolytic Capacitors 105隆?C High Frequency Radial Lead Aluminum Electrolytic Capacitors
|
Illinois Capacitor, Inc.
|