PART |
Description |
Maker |
10N70-Q |
N-CHANNEL POWER MOSFE
|
Unisonic Technologies
|
STB45NF3LL STP45NF3LL STP45NF3LLFP STB45NF3LLT4 |
45 A, 30 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET N-CHANNEL 30V - 0.014ohm - 45A TO-220 - TO220FP - D2PAK STripFET II⑩ POWER MOSFET N-CHANNEL 30V - 0.014ohm - 45A TO-220 - TO220FP - D2PAK STripFET II POWER MOSFET N-CHANNEL 30V 0.014 OHM 45A TO-220/TO-220FP/D2PAK STRIPFET II POWER MOSFET N-CHANNEL 30V 0.014 OHM 45A TO-220/TO-220FP/D2PAK STRIPFET II POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
RFP45N03L RF1S45N03LSM RF1S45N03L |
45A 30V 0.022 Ohm Logic Level N-Channel Power MOSFETs 45A/ 30V/ 0.022 Ohm/ Logic Level/ N-Channel Power MOSFETs 45A, 30V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs 45 A, 30 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB 45A, 30V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs 45 A, 30 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
STP45N10 STP45N10FI 5473 |
N-Channel 100V-0.027惟-45A- TO-220/TO-220FI Power MOS Transistor(N娌?????MOS?朵?绠? N - CHANNEL 100V - 0.027ohm - 45A - TO-220/TO-220FI POWER MOS TRANSISTOR From old datasheet system
|
??????浣? SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
AP2302AGN-HF |
Advanced Power MOSFE
|
TY Semiconductor Co., Ltd
|
FDMA1032CZ FDMA1032CZ08 |
20V Complementary PowerTrench? MOSFE 20V Complementary PowerTrench㈢ MOSFE
|
Fairchild Semiconductor
|
DAN803 DAP803 DA4148 DA4148A DA4148K |
Switch Mode Power Supply; Output Power:10W; No. of Outputs:2; Output 1 VDC :12VDC; Output Current 1:0.45A; Output 2 VDC -:12VDC; Power Supply Mounting:PC Board; Leaded Process Compatible:No; Output Current:0.45A RoHS Compliant: Yes Small Signal Diode Arrays
|
DIOTEC SEMICONDUCTOR AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
BUK7720-55A |
CAPACITOR, 22000UF 25V CAPACITOR, 22000UF 25V; CAPACITANCE:22000UF; VOLTAGE RATING, DC:25V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:LLS; TEMP, OP. MAX:85(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes N-channel TrenchMOS standard level FET
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
AAT7103 AAT7103IAS-T1 |
25V N-Channel Power MOSFET
|
Advanced Analogic Technologies, Inc.
|
UT75N02 |
75A 25V N-CHANNEL POWER MOSFET
|
UNISONIC TECHNOLOGIES
|