HDSP-A103 HDSP-A801 HDSP-E101 HDSP-E100 HDSP-H101 |
7.6 mm(0.3 inch) Micro Bright Seven Segment Displays 20 mm (0.8 inch) Seven Segment Displays Low Current seven Segment Displays 低电段LED显示 Low Current Overflow Character displays 低电流溢出字符显 7 SEG NUMERIC DISPLAY, HIGH EFFICIENCY RED, 10.9 mm 7 SEG NUMERIC DISPLAY, HIGH EFFICIENCY RED, 14.2 mm 7 SEG NUMERIC DISPLAY, HIGH EFFICIENCY RED, 7.6 mm
|
Avago Technologies, Ltd. AGILENT TECHNOLOGIES INC
|
BZT52C10 BZT52C10-7 BZT52C11 BZT52C11-7 BZT52C12 B |
SURFACE MOUNT ZENER DIODE Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 3.9 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 2.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 7.5 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Dual Negative-Edge-Triggered J-K Flip-Flop With Clear And Preset 16-TSSOP -40 to 85 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极 Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 36 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 20 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 4.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????)
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|