PART |
Description |
Maker |
MM3Z2V4ST1G |
Zener Voltage Regulators 200 mW SOD−323 Surface Mount Tight Tolerance Portfolio 2.4 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
ON Semiconductor
|
MBR20200FCT |
20 Amp High Voltage Power Schottky Barrier Rectifier 200 Volts
|
MCC[Micro Commercial Components]
|
CMR1-02M CMR1-10M CMR1-04M CMR1-06M |
GENERAL PURPOSE RECTIFIER 1.0 AMP, 200 THRU 1,000 VOLTS 1 A, 200 V, SILICON, SIGNAL DIODE
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
MM3ZXXXST3G MM3Z2V4ST3G |
Zener Voltage Regulators 200 mW SOD−323 Surface Mount Tight Tolerance Portfolio
|
ON Semiconductor
|
CS218I-50M CS218I-50P CS218I-50B CS218I-50PB CS218 |
ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 600 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 1000 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 200 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 1200 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 800 V, SCR, TO-218
|
Central Semiconductor, Corp.
|
CMR1F-10M CMR1F-02M CMR1F-04M CMR1F-06M |
FAST RECOVERY RECTIFIER 1.0 AMP/ 200 THRU 1/000 VOLTS FAST RECOVERY RECTIFIER 1.0 AMP, 200 THRU 1,000 VOLTS 1 A, 200 V, SILICON, SIGNAL DIODE FAST RECOVERY RECTIFIER 1.0 AMP, 200 THRU 1,000 VOLTS 1 A, 600 V, SILICON, SIGNAL DIODE
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
IP78M12A-LCC4 IP78M12-LCC4 IP78M15A-LCC4 IP78M15-L |
0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,5V绋冲????剁?琛ㄨ创灏??)) Voltage Regulator 电压调节 0.5 AMP POSITIVE VOLTAGE REGULATOR IN A CERAMIC SURFACE MOUNT PACKAGE 15 V FIXED POSITIVE REGULATOR, CQCC18 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,15V稳压陶瓷表贴封装)) 0.5安培正电压稳压器在陶瓷表面贴装封装(0.5甲,15V的稳压器(陶瓷表贴封装) 0.5 AMP POSITIVE VOLTAGE REGULATOR IN A CERAMIC SURFACE MOUNT PACKAGE 5 V FIXED POSITIVE REGULATOR, CQCC18 Power Resistor; Series:TWW; Resistance:15ohm; Resistance Tolerance: /- 5 %; Power Rating:5W; Voltage Rating:350V; Temperature Coefficient:400ppm/ C 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,12V稳压陶瓷表贴封装)) 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,5V稳压陶瓷表贴封装)) 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,12V绋冲????剁?琛ㄨ创灏??))
|
Honeywell International, Inc. TT electronics Semelab, Ltd. TT electronics Semelab Limited Semelab(Magnatec) SEME-LAB[Seme LAB] SEMELAB LTD
|
CMR3-02 CMR3-10 CMR3-04 CMR3-06 |
GENERAL PURPOSE RECTIFIER 3.0 AMP/ 200 THRU 1/000 VOLTS GENERAL PURPOSE RECTIFIER 3.0 AMP, 200 THRU 1,000 VOLTS 3 A, 400 V, SILICON, RECTIFIER DIODE GENERAL PURPOSE RECTIFIER 3.0 AMP, 200 THRU 1,000 VOLTS 3 A, 200 V, SILICON, RECTIFIER DIODE GENERAL PURPOSE RECTIFIER 3.0 AMP, 200 THRU 1,000 VOLTS 3 A, 600 V, SILICON, RECTIFIER DIODE
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
LV25-200 |
Voltage Transducer LV 25-200 电压互感器低5-200
|
LEM[LEM]
|
ICL766005 ICL7660CBAZ ICL7660CBAZA ICL7660CPAZ ICL |
CMOS Voltage Converters; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R SWITCHED CAPACITOR CONVERTER, 10 kHz SWITCHING FREQ-MAX, PDSO8 Simple Conversion of 5V Logic Supply to ±5V Supplies
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
|