PART |
Description |
Maker |
MAX19541 MAX19541EGK |
12-Bit, 125Msps ADC with CMOS Outputs for Wideband Applications
|
Maxim Integrated Products
|
MAX19541 |
12-Bit, 125Msps ADC with CMOS Outputs for Wideband Applications
|
Maxim
|
KAD5510P1105 KAD5510P-12 KAD5510P-17 KAD5510P-25 |
Low Power 10-Bit, 250MSPS ADC Low Power 10-Bit, 170MSPS ADC Low Power 10-Bit, 125MSPS ADC Low Power 10-Bit, 250/210/170/125MSPS ADC
|
Intersil Corporation
|
MAX172 MAX172ACNG MAX172ACWG MAX172AING MAX172AMRG |
RECTIFIER 6A 200V R-6 JT 4C 4#16 PIN RECP Replaced by TMS320VC5506 : Digital Signal Processors 100-LQFP 0 to 0 Complete 10レs CMOS 12-Bit ADC Complete 10s CMOS 12-Bit ADC Complete 10us CMOS 12-Bit ADC
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LTC2281 LTC2281CUP LTC2281CUP-PBF LTC2281CUP-TR LT |
Dual 10-Bit, 125Msps Low Power 3V ADC; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64
|
Linear Technology, Corp.
|
EVAL-AD7714-5EB AD7714ACHIPS-3 AD7714ACHIPS-5 AD77 |
3 V/5 V, CMOS, 500 mu A Signal Conditioning ADC 3 V/5 V, CMOS,500 mA Signal Conditioning ADC 3 V/5 V, CMOS, 500 UASignal Conditioning ADC 3 V/5 V, CMOS, 500 mA Signal Conditioning ADC CMOS, 3V/5V, 500 µA, 24-Bit Sigma-Delta, Signal Conditioning ADC; Package: SOIC - Wide; No of Pins: 24; Temperature Range: Industrial 5-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO24
|
Analog Devices ANALOG DEVICES INC
|
KAD5512P09 KAD5512P-21Q48 KAD5512P-21Q72 KAD5512P- |
Low Power 12-Bit, 250/210/170/125MSPS ADC
|
Intersil Corporation
|
KAD5512HP KAD5512HP-12Q48 KAD5512HP-12Q72 KAD5512H |
High Performance 12-Bit, 250/210/170/125MSPS ADC
|
List of Unclassifed Manufacturers
|
KAD5512P-21Q48 KAD5512P-21Q72 KAD5512P-12Q48 KAD55 |
Low Power 12-Bit, 250/210/170/125MSPS ADC
|
List of Unclassifed Manufacturers
|
ADC1113S125 ADC1113S125C1 ADC1113S125HN |
Single 11-bit ADC; serial JESD204A interface Single 11 bits ADC; 125Msps; serial JESD204A
|
NXP Semiconductors N.V.
|
AD7671ACPZ AD7671ACPRL AD7671ASTRL |
4-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, QCC48 16-Bit, 1 MSPS CMOS ADC
|
ANALOG DEVICES INC
|
KAD5512HP-17Q72 KAD5512HP-25Q72 KAD5512HP-12Q48 KA |
12-Bit, 210MSPS Single-Channel ADC with LVDS/LVCMOS Outputs 12-Bit, 125MSPS Single-Channel ADC with LVDS/LVCMOS Outputs; Temperature Range: -40°C to 85°C; Package: 72-QFN 12-Bit, 125MSPS Single-Channel ADC with LVDS/LVCMOS Outputs; Temperature Range: -40°C to 85°C; Package: 48-QFN 12-Bit, 250MSPS Single-Channel ADC with LVDS/LVCMOS Outputs; Temperature Range: -40°C to 85°C; Package: 72-QFN 12-Bit, 170MSPS Single-Channel ADC with LVDS/LVCMOS Outputs; Temperature Range: -40°C to 85°C; Package: 72-QFN
|
INTERSIL CORP
|