PART |
Description |
Maker |
MAX8545EUB MAX8548 MAX8548EUB MAX8545 MAX8546 MAX8 |
Low-Cost Wide Input Range Step-Down Controllers with Foldback Current Limit Low-Cost / Wide Input Range / Step-Down Controllers with Foldback Current Limit Low-Cost, Wide Input Range, Step-Down Controllers with Foldback Current Limit Low-Cost. Wide Input Range. Step-Down Controllers with Foldback Current Limit Dual J-K Negative-Edge-Triggered Flip-Flops With Clear And Preset 16-CFP -55 to 125 SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO10
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX17598 MAX17598ATE |
Low IQ, Wide-Input Range, Active Clamp Current-Mode PWM Controllers
|
Maxim Integrated Products Maxim Integrated Produc...
|
MAX8548EUB_ MAX8545 MAX8545_07 MAX8545EUB MAX8545E |
Low-Cost, Wide Input Range, Step-Down Controllers with Foldback Current Limit
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products]
|
R1LP0408C R1LP0408CSB-5SI R1LP0408CSB-7LI R1LP0408 |
Wide Temperature Range Version 4 M SRAM (512-kword ??8-bit) R1LP0408C-I Series Datasheet 78K/AUG.01.03 Standard Thick Film Chip Resistor: 10 ohms through 10 megohms, 5 %, 200 ppm, .100 W Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword × 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 】 8-bit) Memory>Low Power SRAM
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor] Renesas
|
BD9302FP-E |
A wide input voltage range of 6 V to 18 V, Easy switching frequency setting in the range of 200 k to 2.5 MHz.
|
Rohm
|
TLE4242G07 |
Adjustable LED Driver Wide input voltage range up to 42 V Low drop voltage
|
Infineon Technologies AG
|
LTC2323-16 |
Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
|
Linear Technology
|
AT26DF161-SU AT26DF161-14 |
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier (Dual); Package: SOIC; No of Pins: 8; Temperature Range: Industrial 16M X 1 FLASH 2.7V PROM, PDSO8 Serial Peripheral Interface (SPI) Compatible
|
聚兴科技股份有限公司 Atmel, Corp. ATMEL Corporation
|
LTC2335HLX-16PBF |
16-Bit, 1Msps 8-Channel Differential ±10.24V Input SoftSpan ADC with Wide Input Common Mode Range
|
Linear Technology
|
LTC6652 |
Octal, 16-Bit, 200ksps Differential ±10.24V Input SoftSpan ADC with Wide Input Common Mode Range
|
Linear Technology
|
AD7118 AD7118TQ2 AD7118CQ AD7118TQ AD7118UQ |
17V; 450mW; LOGDAC CMOS logarithmic D/A converter. For digitally controlled AGC systems, audio attenuators, wide dynamic range A/D converters, sonar systems, function generators LOGDAC CMOS Logarithmic D/A Converter PARALLEL, WORD INPUT LOADING, 6-BIT DAC, CDIP16 LOGDAC CMOS Logarithmic D/A Converter LOGDAC的CMOS对数D / A转换 ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0
|
Analog Devices, Inc.
|
LI120-10B48 |
Wide input voltage range
|
MORNSUN Science& Techno...
|