PART |
Description |
Maker |
LC87F1HC8A |
CMOS IC 128K-byte FROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
LC87F1HC4A |
CMOS IC 128K-byte FROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
ENA1188 |
CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
ENA1095 LC87F1HC8SA |
CMOS IC FROM 128K byte, RAM 16384 byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
LC88F58B0A LC88F83B0A |
FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC87F2H08A |
CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
ENA1028A |
CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC877680B |
CMOS IC Internal 96K/80K/64K/48K-byte ROM 4096-byte RAM 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
ENA0965 LC877664B LC877648B LC877696B |
CMOS IC Internal 96K/80K/64K/48K-byte ROM 4096-byte RAM 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
M67025E07 M67025E-14 |
Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM Separate Upper Byte and Lower Byte Control for Multiplexed Bus Compatibility
|
ATMEL Corporation
|