PART |
Description |
Maker |
ISL6595DRZ |
Digital Multiphase Controller
|
Intersil Corporation
|
CHL8314 |
4 phase VR11.1 multiphase PWM controller for high efficiency solutions
|
International Rectifier
|
EM12D15-750 EM24D15-750 EM48D15-750 EM12S15-1500 E |
Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTTTermination; Temperature Range: 0°C to 70°C; Package: 24-SOIC Synchronous Buck Pulse-Width Modulator (PWM) Controller; Temperature Range: 0°C to 70°C; Package: 14-SOIC Multi-Purpose Precision Multiphase PWM Controller With Optional Active Voltage Positioning; Temperature Range: -40°C to 85°C; Package: 20-QFN Multiphase PWM Controller; Temperature Range: 0°C to 70°C; Package: 28-SOIC Multiphase PWM Controller; Temperature Range: 0°C to 70°C; Package: 32-QFN 模拟IC Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTTTermination; Temperature Range: 0°C to 70°C; Package: 32-QFN T&R 模拟IC 3-in-1 ACPI Regulator/Controller for Dual Channel DDR and DDR2 Memory Systems; Temperature Range: 0°C to 70°C; Package: 28-QFN T&R 模拟IC
|
Electronic Theatre Controls, Inc. Electronic Devices, Inc. Square D by Schneider Electric
|
CHL8112B-00CRT |
Dual Loop, 4 1 multiphase AMD PWM controller for high efficiency, highly accurate VR solutions
|
International Rectifier
|
CHL8326-00CRT CHL8328 IR3536MPBF IR3538MPBF |
Dual Loop, 5 1 multiphase VR12/AMD PWM controller for high efficiency, highly accurate VR solutions Dual Loop, 7 1 multiphase VR12/AMD PWM controller for high efficiency, highly accurate VR solutions
|
International Rectifier
|
MAX8707 |
Multiphase, Fixed-Frequency Controller for AMD Hammer CPU Core Power Supplies From old datasheet system
|
Maxim
|
AM29818AXM AM29818ADE AM29818APC AM29818ADCB AM298 |
Digital Audio Driver with Discrete Dead-Time and Protection. High and Low Side Driver in a 14-Lead SOIC package; A IRS20124S packaged in a Lead-Free Pipeline Register High Performance Appliance RAM Based Motion Control IC; A IRMCF343 with Standard Packaging High Voltage, high performance Class D audio aplifier driver with PWM modulator and protection in a 16-Lead PDIP Package; A IRS2092PBF with Standard Packaging Fully optimized solution for high current synchronous buck multiphase applications in a LGA power block.; Similar to IP2003ATR with Lead Free Packaging. High Voltage, high performance Class D audio aplifier driver with PWM modulator and protection in a 16-Lead SOIC Narrow Package; Similar to IRS2092PBF Shipped on Tape and Reel Synchronous Buck Multiphase Optimized BGA Power Block.; Similar to iP2002 with Lead Free Packaging on Tape and Reel. 500VA HiRel iMotion Digital Sensor-Less Motor Controller in an MP-3T package.; A IRMCT3UF1 with Standard Packaging Fully optimized solution for high current synchronous buck multiphase applications in a LGA power block.; Similar to IP2003A with Lead Free Packaging. A high performance OTP based motion control IC designed primarily for appliance applications.; A IRMCK343 with Standard Packaging Self-Oscillating Full-Bridge 600V Driver in a 14-Lead SOIC narrow boddy package; A IRS2453D packaged in a Lead-Free 14-Lead SOIC shipped on Tape and Reel Protected Digital Audio Driver with Floating PWM input in a 16-Lead SOIC Narrow Package; A IRS20955SPBF packaged in a Lead-Free 16-Lead SOIC Narrow shipped on Tape and Reel IP1001; A IP1001 with Standard Packaging Dual Output Full Function 2 Phase Synchronous Power Block, Integrated Power Semiconductors, PWM Controller and Passives.; Similar to iP1201 with Lead Free packaging. Protected Digital Audio Driver with Floating PWM input; A IRS20954SPBF with Standard Packaging 管道注册
|
Advanced Micro Devices, Inc.
|
IR3564B IR3570B IR3564BMTRPBF IR3570BMTRPBF |
Dual Loop, 4 1 multiphase AMD SVI1 and SVI2 and Intel VR12 and VR12.5 PWM controller for high efficiency, highly accurate VR solutions Dual Loop, 3 2 multiphase AMD SVI1 and SVI2 and Intel VR12 and VR12.5 PWM controller for high efficiency, highly accurate VR solutions
|
International Rectifier
|
IR3566B IR3566BMTRPBF |
Dual Loop, 6 1 multiphase AMD SVI1 and SVI2 and Intel VR12 and VR12.5 PWM controller for high efficiency, highly accurate VR solutions
|
International Rectifier
|
HIP631104 HIP6311CBZA HIP6301EVAL1 HIP6311 HIP6311 |
Microprocessor CORE Voltage Regulator Multiphase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 20-SOIC T&R SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PDSO20 Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
EM4100A5CI2LC EM4100A5CX EM4100A5CY EM4100A6CB2RC |
Microprocessor CORE Voltage Regulator Multiphase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 20-SOIC 模拟杂项 ZVS Full Bridge PWM Controller; Temperature Range: -40°C to 85°C; Package: 28-SOIC 模拟杂项 Analog Miscellaneous 模拟杂项 ZVS Full Bridge PWM Controller; Temperature Range: -40°C to 85°C; Package: 28-SOIC Microprocessor CORE Voltage Regulator 2-4 Phase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 20-SOIC Microprocessor CORE Voltage Regulator Multiphase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 20-QFN Single 12V Input Supply Dual Regulator - Synchronous Rectified Buck PWM and Linear Power Controller; Temperature Range: -40°C to 85°C; Package: 16-QFN ZVS Full Bridge PWM Controller; Temperature Range: -25°C to 85°C; Package: 28-SOIC ZVS Full Bridge PWM Controller; Temperature Range: -25°C to 85°C; Package: 28-QFN T&R AnalogMiscellaneous
|
EPCOS AG TE Connectivity, Ltd.
|