PART |
Description |
Maker |
FDS8958B |
30V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench? MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 mΩ Q2-P-Channel: -30 V, -4.5 A, 51 mΩ Dual N & P-Channel PowerTrench垄莽 MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 m楼? Q2-P-Channel: -30 V, -4.5 A, 51 m楼?
|
Fairchild Semiconductor
|
REC-139L |
Precision Linear Transducers, Conductive Plastic, Robust, Side Actuation, Ideally Suited for Applications with Very Long Travels, Long Life, High Accuracy, Excellent Repeatability, Essentially Infinite Resolution
|
Vishay
|
ISL34321 ISL34321INZ |
16-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
|
Intersil Corporation
|
DS26334GN DS26334 DS26334G |
From old datasheet system 3.3V, 16-Channel, E1/T1/J1 Short and Long-Haul Line Interface Unit
|
DALLAS[Dallas Semiconductor]
|
IDT82P2282PFGBLANK IDT82P2282PFBLANK |
Dual T1/E1/J1 Long Haul / Short Haul Transceiver
|
Integrated Device Technology
|
BSS138DW09 BSS138DW-7-F |
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR MOSFET DUAL N-CHAN 50V SOT363 200 mA, 50 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes Incorporated Diodes, Inc.
|
FDML7610S |
30V Asymmetric Dual N-Channel MOSFET PowerTrenchPower Stage Dual N-Channel PowerTrench? MOSFET N-Channel: 30 V, 30 A, 7.5 mΩ N-Channel: 30 V, 28 A, 4.2 mΩ
|
Fairchild Semiconductor
|
MAX6416 MAX6418 MAX6412 MAX6413UK37-T MAX6413UK38- |
330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable; Temperature Range: -40°C to 85°C; Package: 8-PDIP " Low-Power, Single/Dual-Voltage ?P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay" Dual Long-Tailed Pair Transistor Array; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R 380MHz, SOT-23, Low Power Current Feedback Operational Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 12-Bit, 80 MSPS, High Speed Video D/A Converter; Temperature Range: 0°C to 70°C; Package: 28-SOIC Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection; Temperature Range: -40°C to 85°C; Package: 28-SOIC 380MHz, SOT-23, Low Power Current Feedback Operational Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Gilbert Cell UHF Transistor Array; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 850MHz, Low Distortion Programmable Gain Buffer Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 330MHz, Low Power, Current Feedback Video Operational Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 10-Bit, 40MSPS A/D Converter with CMOS Outputs; Temperature Range: 0°C to 70°C; Package: 28-SOIC T&R 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 8-Bit, 165/125/60MSPS, High Speed D/A Converter; Temperature Range: -40°C to 85°C; Package: 28-TSSOP T&R 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Complete, 12-Bit A/D Converters with Microprocessor Interface; Temperature Range: See Datasheet; Package: 28-PDIP 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 12-Bit, Low Cost, Monolithic D/A Converters; Temperature Range: 0°C to 70°C; Package: 24-PDIP 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 360MHz, Low Power, Video Operational Amplifier with Output Limiting; Temperature Range: -40°C to 85°C; Package: 8-SOIC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Dual Long-Tailed Pair Transistor Array; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R
|
Maxim Integrated Products, Inc. 电源管理 MAXIM INTEGRATED PRODUCTS INC
|
FDS8858CZ |
Dual N & P-Channel PowerTrench? MOSFET N-Channel: 30V, 8.6A, 17.0mΩ P-Channel: -30V, -7.3A, 20.5mΩ Dual N & P-Channel PowerTrench㈢ MOSFET N-Channel: 30V, 8.6A, 17.0mヘ P-Channel: -30V, -7.3A, 20.5mヘ
|
Fairchild Semiconductor
|
STS4DPF20L 8006 |
DUAL P-CHANNEL 20V - 0.07 OHM - 4A SO-8 STRIPFET POWER MOSFET DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFET⑩ POWER MOSFET From old datasheet system DUAL P-CHANNEL 20V - 0.07 OHM - 4A SO-8 STRIPFET POWER MOSFET Dual P-CHANNEL POWER MOSFET DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFETPOWER MOSFET 双P沟道20V 0.07欧姆- 4A条的SO - 8 STripFET⑩功率MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
|