PART |
Description |
Maker |
CY7B136 |
(CY7B136 / CY7B146) SRAM
|
Cypress Semiconductor
|
CY7C1483V33-100BGC CY7C1483V33-117BGC CY7C1483V33- |
IC, SDRAM, 64M BIT, 512KX4X32 BIT,3.3V,10NS,100MHZ,TSOP-86 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 7.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 CACHE SRAM, 6.5 ns, PBGA209 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 STANDARD SRAM, 7.5 ns, PBGA209 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 7.5 ns, PBGA165 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 6.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 2M X 36 STANDARD SRAM, 8.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 8.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 STANDARD SRAM, 5.5 ns, PBGA209
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
EDI8L24129V-BC EDI8L24129V12BI EDI8L24129V EDI8L24 |
10ns; 3.3V power supply; 128K x 24 SRAM SRAM MCP SDR Connector; No. of Contacts:26; Pitch Spacing:0.8mm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 128K X 24 SRAM 3.3 VOLT 128K的X 24 SRAM.3 15ns; 3.3V power supply; 128K x 24 SRAM
|
Electronic Theatre Controls, Inc. White Electronic Designs
|
R1RW0404DGE-2PR R1RW0404D R1RW0404DGE-2LR REJ03C01 |
Memory>Fast SRAM>Asynchronous SRAM 4M HIGH SPEED SRAM (1-MWORD X 4-BIT)
|
RENESAS[Renesas Electronics Corporation]
|
AS7C251MPFD32_36A AS7C251MPFD36A-200TQIN AS7C251MP |
Sync SRAM - 2.5V 2.5V 1M x 32/36 pipelined burst synchronous SRAM 1M X 32 STANDARD SRAM, 3.1 ns, PQFP100
|
Alliance Semiconductor Corp... ALSC[Alliance Semiconductor Corporation] SRAM Alliance Semiconductor, Corp.
|
GS81032AT-150I GS81032AT-138I GS81032AT-133I GS810 |
18ns 66MHz 32K x 32 1Mb synchronous burst SRAM 12ns 100MHz 32K x 32 1Mb synchronous burst SRAM 10ns 133MHz 32K x 32 1Mb synchronous burst SRAM 9.7ns 138MHz 32K x 32 1Mb synchronous burst SRAM 11ns 117MHz 32K x 32 1Mb synchronous burst SRAM 9ns 150MHz 32K x 32 1Mb synchronous burst SRAM 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 9.7 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 18 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 10 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM
|
GSI Technology, Inc.
|
AS7C164 AS7C164-20 AS7C164-20JC AS7C164-12 AS7C164 |
8K X 8 STANDARD SRAM, 12 ns, PDSO28 SRAM - 5V Fast Asynchronous 5V 8K X 8 CMOS SRAM
|
ALSC[Alliance Semiconductor Corporation]
|
AS7C3364PFS36A-166TQI AS7C3364PFS32A AS7C3364PFS32 |
3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 36 STANDARD SRAM, 9 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 36 STANDARD SRAM, 10 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 32 STANDARD SRAM, 10 ns, PQFP100 DIODE ZENER SINGLE 1000mW 16Vz 15.5mA-Izt 0.05 5uA-Ir 12.2Vr DO41-GLASS 5K/REEL 64K X 36 STANDARD SRAM, 12 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 32 STANDARD SRAM, 12 ns, PQFP100
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
IDT71P72804 IDT71P72604 IDT71P72604S167BQ IDT71P72 |
1.8V 1M x 18 QDR II PipeLined SRAM 1.8V 512K x 36 QDR II PipeLined SRAM Storage, Cases Tools, Applicator RoHS Compliant: NA Nickel Cadmium Battery Pack; Voltage Rating:12V RoHS Compliant: NA SIGN, FIRE EXTINGUISHER, 100X200MM; RoHS Compliant: NA 18Mb Pipelined QDRII SRAM Burst of 2 35.7流水线推QDRII SRAM的爆 18Mb Pipelined QDRII SRAM Burst of 2 2M X 9 QDR SRAM, 0.5 ns, PBGA165 18Mb Pipelined QDRII SRAM Burst of 2 2M X 9 QDR SRAM, 0.45 ns, PBGA165
|
IDT http:// Integrated Device Technology, Inc.
|
M48Z2M1Y10 M48Z2M1V-85PL1 M48Z2M1Y-85PL1 M48Z2M1Y- |
5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER庐 SRAM 5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER? SRAM 2M X 8 NON-VOLATILE SRAM MODULE, 70 ns, PDIP36
|
STMicroelectronics
|
MAR9264C70CD MAR9264C70FB MAR9264C70LB MAR9264C70N |
8K X 8 STANDARD SRAM, 65 ns, CDIP28 8K X 8 STANDARD SRAM, 65 ns, CDFP28 8K X 8 STANDARD SRAM, 65 ns, CQCC 8K X 8 STANDARD SRAM, 65 ns, UUC
|
|