PART |
Description |
Maker |
CPC177710 CPC1777J |
i4-PAC DC Power Relay i4-PACDC Power Relay TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX i4-PAC?DC Power Relay
|
Clare, Inc.
|
CPC196711 CPC1967J |
i4-PAC Power Relay i4-PAC??Power Relay
|
Clare, Inc. CLARE INC
|
CTX8-1A-R CTX0.47-1-R CTX0.47-2-R CTX0.47-2P-R CTX |
ECONO-PAC?OCTA-PAC? OCTA-PAC? PLUS Power Inductors and Transformers Surface mount magnetics that can be used as singleor coupled inductors or 1:1 transformers that provide isolation between two windings 2 ELEMENT, 0.284 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD 2 ELEMENT, 0.6 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
FMM150-0075P |
Trench Power MOSFET Phaseleg Topology in ISOPLUS i4-PAC
|
IXYS Corporation
|
RIF-4-RPT-LDP-24DC |
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, and retaining bracket.
|
PHOENIX CONTACT
|
RIF-3-RPT-LDP-24DC |
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, and retaining bracket
|
PHOENIX CONTACT
|
FMD40-06KC |
HiPerFET Power MOSFETs -Boost Chopper Topology in ISOPLUS i4-PAC 38 A, 600 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET MOSFET Modules
|
IXYS, Corp. IXYS[IXYS Corporation]
|
RIF-3-RPT-LV-120AC |
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket.
|
PHOENIX CONTACT
|
3SCV5012H1 3SCV5534D1 3SCV5012A1 3SCV5012B1 3SCV50 |
Long-life Haif-size Industrial Relay POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.03A (COIL), 35VDC (COIL), 1050mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.06A (COIL), 20VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.1A (COIL), 12VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.04A (COIL), 30VDC (COIL), 1200mW (COIL), PCB MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.05A (COIL), 23VDC (COIL), 1150mW (COIL), PANEL MOUNT
|
Tyco Electronics
|
PVG612 |
Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole, Normally Open, 0-60V, 1.0A AC/ 2.0 A DC
|
IR International Rectifier
|
AZ977-1C-6DS AZ977 AZ977-1A-6D AZ977-1A-6DS AZ977- |
Nominal coil VCD: 6; 20Amp subminiature power relay for automotive use 20 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE 20安培微型功率继电器用于汽
|
ZETTLER electronics Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers http://
|
|