PART |
Description |
Maker |
BSR202N |
OptiMOS2 Small-Signal-Transistor
|
Infineon Technologies AG
|
BSR802N |
Optimos2 Small-Signal-Tansistor N-channel Avalanche rated
|
TY Semiconductor Co., L...
|
BSS306N |
OptiMOS2 Small-Signal-Transistor Avalanche rated Qualified according to AEC Q101
|
TY Semiconductor Co., Ltd
|
BZX84C18ET1 BZX84C18ET3 BZX84C4V7ET1 BZX84C7V5ET3 |
Small Signal 5% 27V Small Signal 5% 10V Small Signal 5% 5.6V Small Signal 5% 6.2V Small Signal 5% 6.8V Small Signal 4.7V Small Signal 5% 5.1V Zener Voltage Regulators From old datasheet system
|
ONSEMI[ON Semiconductor]
|
2N5551 2N5401 2N5223 2N5232A 2N5172 2N4403 2N5550 |
Small Signal Transistors TO-92 Case (Continued) RES ARRAY 1.5K OHM 8TRM 4RES SMD Small Signal Transistors TO-92 Case (Continued) 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 50 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor C... http:// CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
BF337 BFR36 2N5785 2N6192 BC460 BFX34 BFS89 BFS95 |
Small Signal Transistors 200 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. N.A. CENTRAL[Central Semiconductor Corp]
|
2N4938 2N6502 MD2369 MD2369A MD2369B MD7003 MD7003 |
Leaded Small Signal Transistor Dual HSD 8 ROW 10 COL OPEN END BP ASSY Dual Transistors 30 mA, 40 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 500 mA, 30 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 50 mA, 40 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78
|
CENTRAL[Central Semiconductor Corp] Motorola, Inc Central Corp Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
2SC5632 |
Small-signal device - Small-signal transistor - High-Frequency Amplifiers and Others Silicon NPN epitaxial planar type
|
PANASONIC[Panasonic Semiconductor]
|
2N1420 2N1131A 2N1132B 2N1482 2N1573 2N1574 2N1053 |
Time (Seconds):1-20; Operating Voltage:250V RoHS Compliant: Yes Small Signal Transistors Leaded Small Signal Transistor General Purpose
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers Microsemi Corporation ETC[ETC] Central Semiconductor
|
|