PART |
Description |
Maker |
FSR-D2-XX FSR-XX |
.100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
|
Adam Technologies, Inc.
|
MHF60SGS MHF60SGL MHF20SGL MHF20SGS MHF16SGL MHF16 |
.100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
|
Adam Technologies, Inc.
|
FCS26SG FCS62SG FCS44SG FCS24SG FCS60SG |
.100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
|
Adam Technologies, Inc.
|
PDTC115E PDTC115EE PDTC115EEF PDTC115EK PDTC115EM |
NPN resistor-equipped transistors; R1 = 100 kohm, R2 = 100 kohm 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236 NPN resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
SDR9102PHC SDR9100PHC SDR9101PHC |
100 AMP 100 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
|
SSDI[Solid States Devices, Inc]
|
15444545 1544-45-4545 154445-4545 |
CONNECTOR. VERT. MOUNT , DUAL ROW TOP ENTRY . 100 X . 100 PC
|
Molex Electronics Ltd.
|
M160UFG |
16000 V rectifier 10-100 mA forward current,100 ns recovery time
|
Voltage Multipliers
|
NMA5107-B1M |
High Power Broadband Noise Sources 100 Hz to 100 MHz
|
http://
|
T8102 |
H.100/H.110 Interface and Time-Slot Interchanger(H.100/H.110接口和干线时隙交换机)
|
Lineage Power
|
VMIL100 |
100 Watts, 28 Volts, Class AB Defcom 100 - 200 MHz
|
GHZTECH[GHz Technology]
|
IPB05CN10NG |
100 A, 100 V, 0.0051 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
INFINEON TECHNOLOGIES AG
|