PART |
Description |
Maker |
BC860CL BC860AL |
Leaded Cartridge Fuse; Current Rating:700mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes Automotive Fuse; Current Rating:15A; Voltage Rating:32V; Fuse Type:Fast Acting; Fuse Terminals:Blade; Length:18.54mm; Series:257; Fuse Size/Group:18.54 x 19.05 x 5.08mm 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一(c)| SOT - 23封装
|
Ironwood Electronics
|
PCC-2 |
PC Board Fuse; Current Rating:3A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Leaded Process Compatible:No; Body Material:Plastic; Diameter:8.12mm; Fuse Size/Group:8.89 x 8.12 mm; Fuse Type:Fast Acting; Length:8.89mm
|
COOPER INDUSTRIES
|
FNQ-R-25 FNQ-R-15 |
Cartridge Fuse; Current Rating:25A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Melamine; Diameter:0.406mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:38.1mm Cartridge Fuse; Current Rating:15A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Melamine; Diameter:0.406mm; Fuse Terminals:Ferrule; Length:38.1mm; Series:FNQ-R
|
COOPER INDUSTRIES
|
ABC-20-R ABC-1-12-R ABC-1-R ABC-10-R ABC-10A ABC-1 |
Cartridge Fuse; Current Rating:20A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm; Packaging:Bulk; Series:ABC RoHS Compliant: Yes 1/4 x 1 1/4 Fast-Acting Ceramic Tube Fuses
|
COOPER INDUSTRIES Cooper Bussmann, Inc.
|
ST72T71N5B1 ST72T71J1B1 |
Leaded Cartridge Fuse; Current Rating:50mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes Leaded Cartridge Fuse; Current Rating:312.5mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Length:8.89mm; Series:273 RoHS Compliant: NA 8位微控制
|
Intersil, Corp.
|
STD4 STD2 |
:Glass; Diameter:4.7mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:Yes RoHS Compliant: Yes ELECTRIC FUSE, 2A, 240VAC, 33000A (IR), INLINE/HOLDER Leaded Cartridge Fuse; Current Rating:2.5A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:250V; Body Material:Glass; Diameter:4.7mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
COOPER INDUSTRIES
|
BC868 BC868-25 BC868/T1 |
NPN medium power transistor Leaded Cartridge Fuse; Current Rating:100mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes
|
NXP Semiconductors Philips Semiconductors
|
BC859C BC860B BC860C BC859 BC859_860_4 BC860 BC859 |
High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-SOIC -55 to 125 From old datasheet system PNP general purpose transistors Leaded Cartridge Fuse; Current Rating:500mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes FUSE, SLO-BLO, .25A,250V,5X20MM TRANSISTOR SOT-323
|
NXP Semiconductors Philips Semiconductors
|
Z85C30-10BUA Z85C30-10DC Z85C30-10BQA AM85C30-8/BQ |
16MHZ, MLF, IND TEMP, GREEN(MCU AVR) 16MHZ, PDIP, IND TEMP, GREEN(MCU AVR) 16MHZ, MLF, IND TEMP, 5V(MCU AVR) 16MHZ, MLF, IND TEMP, GREEN, 5V(MCU AVR) 16MHZ, MLF, IND TEMP(MCU AVR) 16MHZ, TQFP, IND TEMP, GREEN, 5V(MCU AVR) Cartridge Fuse; Current Rating:2A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:225 RoHS Compliant: Yes ATMEGA644V-10PU & AT86RF230-ZU(AVRZLINK) Communications Controller 通信控制 Cartridge Fuse; Current Rating:1A; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:229 通信控制 Cartridge Fuse; Current Rating:1A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:225 通信控制 16MHZ, TQFP, IND TEMP, 5V(MCU AVR) 通信控制 16MHZ, TQFP, IND TEMP, GREEN(MCU AVR) 通信控制
|
Advanced Micro Devices, Inc. Amphenol, Corp. Electronic Theatre Controls, Inc.
|
42R33-1124 42R33-1222 42R33-1121 42R33-1122 42R33- |
IEC 60320 SINGLE FUSE HOLDER APPL. INLET; SOLDER TERMINALS; SIDE FLANGE
|
PowerDynamics, Inc
|