PART |
Description |
Maker |
TEA1723AT |
HV start-up flyback controller with integrated MOSFET for 11 W applications, 430 Hz burst frequency HV start-up flyback controller with integrated MOSFET for 11 W applications, f~burst = 430 Hz
|
NXP Semiconductors
|
TEA1721FT |
HV start-up flyback controller with integrated MOSFET for 5 W applications, 1750 Hz burst frequency
|
NXP Semiconductors
|
G5U1118 |
1A Positive Low Dropout Fixed-mode Regulator With EN Function
|
E-Tech Electronics LTD
|
SSC1118 |
1A Positive Low Dropout Fixed-Mode Regulato r With EN Function
|
SeCoS Halbleitertechnologie GmbH
|
S5U1118 |
1A Positive Low Dropout Fixed-Mode Regulator With EN Function
|
SeCoS Halbleitertechnologie GmbH
|
G5E1118 G5E1118-18 G5E1118-15 G5E1118-90 G5E1118-5 |
1A Positive Low Dropout Fixed-mode Regulator With EN Function
|
E-Tech Electronics LTD GTM CORPORATION
|
SI3226-C-FQ SI3227 SI3226-X-FQ SOT-223 IND-NLC3225 |
TELECOM-SLIC, PQFP64 ROHS COMPLIANT, MS-026ACD, TQFP-64 Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal Dual ProSLIC? with DC-DC Controller
|
Silicon Laboratories, Inc.
|
SDDE1C0101 |
One switch for main power, mode selection and start
|
ALPS ELECTRIC CO.,LTD.
|
MB82DBS02163E-70L |
32 Mbit Mobile FCRAM 1.8 V, Burst Mode & Page Mode
|
Fujitsu Limited Fujitsu Component Limited. Fujitsu Media Devices Limited
|
LD2985AM50R LD2985AM40R LD2985BXX50 LD2985BXX47 LD |
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATO WITH INHIBIT FUNCTION VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 ??????浣?
|
305C1 305C9 305C11 305C12 305C19 305C2 305C20 305C |
PTCR Motor Start Packages PSC Single Phase Motor Start Assist PTC热敏陶瓷马达启动软件包力晶单相电机起动辅 From old datasheet system
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
SPL-54B33B-AG SPL-54B33B-G |
3.3V / 622 Mbps 1490 nm Continuous-Mode TX / 155 Mbps 1310 nm Burst-Mode RX ITU-T G.983.3 B-PON CLASS B SFP OLT Transceiver
|
Optoway Technology Inc
|