PART |
Description |
Maker |
UM10204 |
I2C-bus specification and user manual
|
NXP Semiconductors
|
BR24A02FVM-WMTR BR24A01AF-WME2 BR24A02FJ-WM BR24A0 |
Automotive I2C BUS 2Kbit(256x8bit) EEPROM Automotive I2C BUS 1Kbit(128x8bit) EEPROM Automotive I2C BUS 8Kbit(1024x8bit) EEPROM
|
ROHM
|
LA76843N LA76843N06 |
I2C Bus Control IC I2C BUS CONTROLLER, PDIP54
|
http:// SANYO SEMICONDUCTOR CO LTD
|
FM24C04 FM24C04U FM24C04UE FM24C04UL FM24C04ULZ FM |
I2C Serial EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 I2C Serial EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CONN HEADER .05 80POS DUAL SMD 4K-Bit Standard 2-Wire Bus Interface Serial EEPROM From old datasheet system 4K--Bit Standard 2-Wire Bus Interface Serial EEPROM
|
http:// Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
PCA9512A PCA9512AD PCA9512ADP |
Level shifting hot swappable I2C-bus and SMBus bus buffer
|
NXP Semiconductors
|
PCA9527DP PCA9527 |
3-channel bidirectional bus extender for HDMI, I2C-bus and SMBus
|
NXP Semiconductors
|
PCA9549D |
Octal bus switch with individually I2C-bus controlled enables
|
NXP Semiconductors
|
M8571 M8571B1 M8571B6 |
1024 Bit Serial S-Bus / I2C Bus NMOS EEPROM
|
STMicroelectronics
|
PCU9661B |
Parallel bus to 1 channel UFm I2C-bus controller
|
NXP Semiconductors N.V.
|
24C16 ST25C16 ST25C16B1TR ST25C16B3TR ST25C16B5TR |
MOSFET; Transistor Polarity:Dual P Channel; Drain Source Voltage, Vds:-30V; Continuous Drain Current, Id:-6.4A; Package/Case:PowerPAK 1212-8 16千位串行I2C总线的EEPROM与用户定义的块写保护 16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection 16千位串行I2C总线的EEPROM与用户定义的块写保护 MOSFET, DUAL NN POWERPAKMOSFET, DUAL NN POWERPAK; Transistor type:MOSFET; Transistor polarity:Dual N; Voltage, Vds max:100V; Case style:PowerPak SO-8; Current, Id cont:1.8A; Current, Idm pulse:10A; Power, Pd:1.3W; Resistance, Rds MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-20V; Continuous Drain Current, Id:-3.6A; On-Resistance, Rds(on):0.065ohm; Rds(on) Test Voltage, Vgs:-4.5V; Package/Case:MICRO FOOT; Leaded Process Compatible:No MOSFET, DUAL, PP, POWERPAK; Transistor type:MOSFET; Current, Id cont:7A; Resistance, Rds on:0.02R; Voltage, Vgs Rds on measurement:10V; Case style:SO-8 PowerPak; Charge, gate p channel:49nC; Current, Idm pulse:30A; Depth, RoHS Compliant: Yes (ST2xxx) 16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection 16/8/4/2/1KbitSerialICBusEEPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
PCF8598C-2P/02112 |
1024 x 8-bit CMOS EEPROM with I2C-bus interface; Package: SOT97-1 (DIP8); Container: Tube 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
NXP Semiconductors N.V.
|