PART |
Description |
Maker |
2650D15 2650D05 2650D12 2650MD15 2650S05.2 2650MT1 |
ISDB-T 1- and 3-Segment Low-IF Tuners 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高RS - 232收发器与0.1uF电容 Evaluation Kit for the MAX2116, MAX2118 模拟IC Direct-Conversion to Low-IF Tuners for Digital Audio Broadcast 模拟IC Evaluation Kit for the MAX2160 模拟IC Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs 模拟IC Evaluation Kit for the MAX2130
|
Littelfuse, Inc. Advanced Interconnections, Corp. Maxim Integrated Products, Inc. Micro Commercial Components, Corp. STMicroelectronics N.V.
|
262.75 268.01 268.6 268.75 268.8 268.2 268.25 268. |
900MHz Image-Reject Receivers with Transmit Mixer 保险 WCDMA Quasi-Direct Modulators with VGA and PA Driver 保险 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors Evaluation Kit for MAX2410 Power Drivers for Peltier TEC Modules W-CDMA/W-TDD/TD-SCDMA Zero-IF Receivers 6-Channel, Multi-Range, 5V, 12-Bit DAS with 12-Bit Bus Interface and Fault Protection Evaluation Kit for the MAX19692 Evaluation Kit for the MAX2406 Low-Cost Downconverter with Low-Noise Amplifier ±15kV ESD-Protected, 5V RS-232 Transceivers 5V-Powered, Multichannel RS-232 Drivers/Receivers Low-Cost RF Up/Downconverter with LNA and PA Driver Fuse
|
TE Connectivity, Ltd.
|
ST7MDT2 ST7MDT2-110 ST7MDT2-220 ST7MDT2-DVP ST7MDT |
A Low-Cost Development Package Including A Full Real-Time Emulation Board(低价格开发软件包) MDT2-DVP LOW COST ST7 DEVELOPMENT KIT DATASHEET MOSFET; Transistor Polarity:Dual N/P Channel; Drain Source Voltage, Vds:30V; Continuous Drain Current, Id:51A; On-Resistance, Rds(on):0.36ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:6-TSOP; Drain-Source Breakdown Voltage:30V From old datasheet system MDT2-DVP LOW COST ST7 DEVELOPMENT KIT DATASHEET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STR91X-SKIAR STR91X-SK1 STR91X-SK STR711-SK STR711 |
IAR’s complete, low cost starter kits for STR7 and STR9
|
STMICROELECTRONICS[STMicroelectronics]
|
STM32W-RFCKIT |
STM32W Low-cost RF control kit
|
STMicroelectronics
|
DSDK101 DK101 |
Low-Cost Demo Kit Motherboard From old datasheet system
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
QL3004 |
pASIC 3 FPGA Family High Performance and High Density with Low Cost and Complete Flexibiltiy(具有低成本和充分灵活性的高性能和高密度的pASIC 3现场可编程门阵列)
|
QuickLogic Corp.
|
ADDAC80NZ-CBI-V ADDAC87D-CBI-V883 ADDAC85-CCD-I3 A |
Complete Low Cost 12-Bit D/A Converters
|
Analog Devices
|
MSK4201-15 |
Low Cost Complete H-Bridge
|
M.S. Kennedy Corporatio...
|
HFBR-5103A HFBR-5103AT HFBR-5103P HFBR-5103PE HFBR |
HFBR-5103A · 125 MBd ATM and Fast Ethernet Transceiver in Low Cost 1x9 Package: Extended Temp., SC Receptacle HFBR-5103AT · 125 MBd ATM and Fast Ethernet Transceiver in Low Cost 1x9 Package: Extended Temp., ST Receptacle HFBR-5103P · 125 MBd ATM and Fast Ethernet Transceiver in Low Cost 1x9 Package: Mezzanine Height, SC Receptacle HFBR-5103PE · 125 MBd ATM and Fast Ethernet Transceiver in Low Cost 1x9 Package: Mezzanine Height, Extended Shield HFBR-0319 · Evaluation Kit for 1x9 fiber optic modules at data rates up to 266 MBd
|
Agilent (Hewlett-Packard)
|
AD8034AR AD8034AR-REEL AD8034AR-REEL7 AD8034ART-RE |
Low Cost, 80 MHz FastFET Op Amps Very Low-Cost High-Speed FastFET™ Op Amps Low Cost, 80 MHz FastFET ?Op Amps Low Cost/ 80 MHz FastFET Op Amps Low Cost, 80 MHz FastFET Op Amps OP-AMP, 3500 uV OFFSET-MAX, PDSO5 Low Cost, 80 MHz FastFET Op Amps OP-AMP, 3500 uV OFFSET-MAX, PDSO8
|
Analog Devices, Inc.
|