PART |
Description |
Maker |
SL22-T1 SL22-T3 SL22 SL24-T3 SL23-T1 SL23-T3 SL24- |
LED RECT 4X12 PURE GRN DIFF 4PIN 2.0A LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
GBU8M GBU8J-BP GBU8K-BP GBU8M-BP GBU8J GBU8D-BP GB |
8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts RECT BRIDGE GPP 8A 400V GBU 8 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 600V GBU 8 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 800V GBU 8 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 50V GBU 8 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 100V GBU 8 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE
|
Micro Commercial Compon... 天津环球磁卡股份有限公司 Micro Commercial Components, Corp.
|
NCP1423DMR2G |
400 mA Sync−Rect PFM Step−Up DC−DC Converter with True−Cutoff and Ring−Killer 1.2 A SWITCHING REGULATOR, 600 kHz SWITCHING FREQ-MAX, PDSO10
|
ON Semiconductor
|
UPDS1045 |
10 Amp Schottky Barrier Rectifier PowerDI 5 10 Amp Schottky Barrier Rectifier PowerDI⑩ 5
|
MICROSEMI[Microsemi Corporation]
|
DJB5820 DJB5822 DJB5821 DSB3A40 |
20 volt (working peak reverse voltage), 3 AMP schottky barrier rectifier 40 volt (working peak reverse voltage), 3 AMP schottky barrier rectifier 30 volt (working peak reverse voltage), 3 AMP schottky barrier rectifier 3 AMP SCHOTTKY BARRIER RECTIFIERS
|
Compensated Devices Incorporated
|
CMSH1-20M CMSH1-60M CMSH1-100M CMSH1-40M |
SCHOTTKY BARRIER RECTIFIER 1.0 AMP, 20 THRU 60 VOLTS SCHOTTKY BARRIER RECTIFIER 1.0 AMP, 20 THRU 100 VOLTS
|
Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
U1GWJ2C49 |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE SWITCHING MODE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
3059J-1-204MLF 3059J-1-105MLF |
TRIMMER-1 1/4" RECT MT CERMET RESISTOR, TRIMMER, CERMET, 22 TURN(S), 1 W, 200000 ohm TRIMMER-1 1/4" RECT MT CERMET RESISTOR, TRIMMER, CERMET, 22 TURN(S), 1 W, 1000000 ohm
|
Bourns, Inc.
|