PART |
Description |
Maker |
ADP1111AR-5-REEL ADP1111AR-3.3-REEL ADP1111AR-12-R |
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V Micropower Step-Up/Step-Down SW Regulator. Adjustable and Fixed 3.3 V 5 V 12 V(406.88 k) Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDIP8 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8
|
http:// Analog Devices, Inc.
|
LM2575-ADJ LM2575 LM2575-5 LM2575-12 LM2575-3.3 LM |
From old datasheet system 1.0 A STEP-OWN VOLTAGE REGULATOR EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR EASY SWITCHERE⑩ 1.0 A STEP-DOWN VOLTAGE REGULATOR EASY SWITCHERE⒙ 1.0 A STEP-DOWN VOLTAGE REGULATOR
|
ON Semiconductor MOTOROLA[Motorola, Inc]
|
ISL6537CR ISL6537CR-T ISL6537CRZ ISL6537CRZ-T ISL6 |
500-mA Peak Step-Up, Step-Down, Inverting Switching Voltage Regulator 14-SOIC 0 to 70 ACPI Regulator/Controller for Dual Channel DDR Memory Systems
|
INTERSIL[Intersil Corporation]
|
MAX1970-MAX1972 MAX1970EEE MAX1971 MAX1971EEE MAX1 |
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO Fixed-Point Digital Signal Processor 532-FCBGA 0.75 A SWITCHING REGULATOR, 1600 kHz SWITCHING FREQ-MAX, PDSO16 Dual, 180Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO 双路80°异相.4MHz50mA、降压型调节器,带有POR和RSI/PFO Dual / 180 Out-of-Phase / 1.4MHz / 750mA Step- Down Regulator with POR and RSI/PFO Dual, 180??Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
|
http:// Maxim Integrated Products, Inc.
|
LT1766 LT1766EGN-5 LT1766IGN-5 LT1766EFE-5 |
High Voltage 1.5A, 200kHz Step-Down Switching Regulators 5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator 5.5V to 60V 1.5A/ 200kHz Step-Down Switching Regulator RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 228 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology Corporation Linear Technology, Corp.
|
LM2576T-12 LM2576T-ADJ LM2576 LM2576D2T-BADJ LM257 |
EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5 EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PZFM5 3A, Adjustable Output Voltage, Step-Down Switching Regulator
|
ONSEMI[ON Semiconductor] http://
|
LT3503 LT3505EMS8E LT3505EMS8E-PBF LT3505EMS8E-TR |
1A, 2.2MHz Step-Down Switching Regulator in 2mm × 3mm DFN 1.2A, Step-Down Switching Regulator in 3mm × 3mm DFN 1A, 2.2MHz Step-Down Switching Regulator in 2mm ? 3mm DFN 36V, 2A, 2.4MHz Step-Down Switching Regulator 1.2A, Step-Down Switching Regulator in 3mm 隆驴 3mm DFN 1A, 2.2MHz Step-Down Switching Regulator in 2mm 隆驴 3mm DFN
|
Linear Technology
|
TC120 TC120303EHA TC120333EHA TC120503EHA TC120503 |
TC120 is a 300 KHz PFM/PWM step-down (Buck) DC/DC regulator/controller combination for use in systems operating from two or more cells, or in line-powered applications. It uses PWM as the primary modulation scheme, but automatically conver TC120 is a 300 KHz PFM/PWM step-down (Buck) DC/DC regulator/controller combination for use in systems operating from two or more ... PWM/PFM Step-Down Combination Regulator/Controller PWM / PFM切换降压组合稳压控制
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
LTC3604EUDPBF LTC3604IUDPBF LTC3604IMSE LTC3604IMS |
2.5A, 15V Monolithic Synchronous Step-Down Regulator SWITCHING REGULATOR, PQCC16
|
LINEAR TECHNOLOGY CORP
|
BP5029 |
Regulator LSIs > General purpose regulator module > Step-down DC/DC converter (Power modules)
|
ROHM
|
BP5250-24 |
Regulator LSIs > General purpose regulator module > Step-down DC/DC controller iPower modulej
|
ROHM
|
BP5220XA BP5221XA |
Regulator LSIs > General purpose regulator module > Step-down DC/DC converter (Power modules)
|
ROHM
|