PART |
Description |
Maker |
BAV70DW |
200mW Switching Diodes 75 Volts
|
Micro Commercial Components
|
BAS70WT-04 BAS70WT-05 BAS70WT-06 |
200mW Schottky Barrier Rectifiers 70 Volts
|
http://
|
WSD705 WSD706 |
Surface Mount Schottky Barrier Diodes SMALL SIGNAL SCHOTTKY DIODES 30m AMPERES 40 VOLTS
|
Weitron Technology ETC
|
CDSV-19-G CDSV-21-G CDSV-20-G |
Small Signal Switching Diodes, V-RRM=200V, V-R=150V, P-D=200mW, I-F=400mA Small Signal Switching Diodes, V-RRM=120V, V-R=100V, P-D=200mW, I-F=400mA Small Signal Switching Diodes, V-RRM=250V, V-R=200V, P-D=200mW, I-F=400mA SMD Switching Diode
|
Comchip Technology
|
SM5817PL11 SM5818PL |
Schottky Barrier Diodes 20 to 40 Volts
|
Micro Commercial Components
|
DLQ103A DLQ103B DLQ103C |
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES VOLTAGE RANGE - 20 to 40 Volts
|
Dc Components
|
CDSV3-20-G CDSV3-21-G CDSV3-19-G12 CDSV3-19-G |
Switching Diodes Array, V-RRM=150V, V-R=150V, P-D=200mW, I-F=200mA Switching Diodes Array, V-RRM=100V, V-R=100V, P-D=200mW, I-F=200mA SMD Switching Diode
|
Comchip Technology
|
TZGC13TWS TZGC24TWS |
200mW Multiple Terminals SMD Zener Diodes
|
TAITRON Components Inco...
|
Q62901-B13-C Q62901-B16-A Q62704-Y12 Q62704-Y12-B |
NPN Silicon Planar Trnasistors NPN硅平Trnasistors NPN Silicon Planar Trnasistors NPN硅平面Trnasistors DIODE SCHOTTKY DUAL COMMON-CATHODE 50V 200mW 0.41V-vf 70mA-IFM 1mA-IF 0.1uA-IR SOT-323 3K/REEL NPN硅平面Trnasistors DIODE SCHOTTKY DUAL COMMON-ANODE 50V 200mW 0.41V-vf 70mA-IFM 1mA-IF 0.1uA-IR SOT-323 3K/REEL NPN硅平面Trnasistors DIODE SCHOTTKY SINGLE 50V 200mW 0.41V-vf 70mA-IFM 1mA-IF 0.1uA-IR SOT-323 3K/REEL NPN硅平面Trnasistors OSC PROG BLANK 3.3V LVDS SMD
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group] http://
|
BAT54 BAT54C BAT54S BAT54A BAT54_SERIES_4 BAT54SER |
DIODE KLEINSIGNAL SMD SCHOTTKY 贴片肖特基二极管KLEINSIGNAL 2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer Schottky barrier (double) diodes From old datasheet system DISCRETE SEMICONDUCTORS SCHOTTKY BARRIER DOUBLE DIODES
|
Won-Top Electronics Co., Ltd. PHILIPS[Philips Semiconductors] NXP Semiconductors
|
MM5Z36V MM5Z6V2 MM5Z15V MM5Z2V4 MM5Z51V MM5Z30V |
200mW Surface Mount Zener Diodes 200mW Surface Mount Zener Diodes
|
SUNMATE electronic Co.,...
|