PART |
Description |
Maker |
AZ100LVEL33 |
ECL/PECL / 4 Divider
|
Arizona Microtek
|
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
MC100LVE222 MC100LVE222FAR2 ON0511 MC100LVE222FA |
0.345A, 2.7-5.5V Quad (2In/ 4Out) Hi-Side MOSFET, Fault Report, Act-Low Enable 16-SOIC 0 to 85 Low Voltage 1:15 Differential ±1±2 ECL/PECL Clock Driver From old datasheet system MARKING DIAGRAM Low Voltage 1:15 Differential 12 ECL/PECL Clock Driver Low Voltage 1:15 Differential ÷1÷2 ECL/PECL Clock Driver
|
ONSEMI[ON Semiconductor]
|
ECLSOIC8EVB NB6L16D MC100EL01D MC100EL04D MC100EL0 |
3.3V / 5V ECL JK Flip Flop 5V ECL 2-Input XOR/XNOR 5V ECL Divide by 2 Divider Evaluation Board Manual for High Frequency SOIC 8
|
ONSEMI[ON Semiconductor]
|
MC100EP016 MC100EP445FAR2 MC10H424FN MC100EP016A M |
3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 3.3V / 5VECL 8-Bit Serial/Parallel Converter Quad TTL-ECL Translator 5V ECL 6-Bit 2:1 Mux Latch 4-Wide OR-AND/OR-ANDbar Gate Quad 2-Input AND Gate 3.3V / 5V ECL ÷2 Divider 3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Quad 4-Input OR/NOR Gate
|
ON Semiconductor
|
NB100LVEP221FAR2 NB100LVEP221 NB100LVEP221FA NB100 |
2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver 2.5V/3.3V:20差分HSTL / ECL / PECL的时钟驱动器
|
ONSEMI[ON Semiconductor]
|
AZ100EL16VO AZ100EL16VONG |
ECL/PECL Oscillator Gain Stage and Buffer with Enable ECL / PECL的振荡器的增益级和缓冲的启用
|
Arizona Microtek, Inc.
|
SP8685A SP8685B |
500MHz ÷ 10/11 ECL Variable Modulus Divider Logic IC - Datasheet Reference From old datasheet system 500MHz ± 10/11 ECL Variable Modulus Divider
|
List of Unclassifed Manufacturers Plessey Semiconductors ETC
|
MC10H106 MC100EL29DWR2 MC10H117 MC10H117FN MC100EP |
Triple 4-3-3-Input NOR Gate 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset Dual 2-Wide 2-3-Input OR-AND/OR-AND-Invert Gate 3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing 5V ECL 2-Input XOR/XNOR 4-Wide OR-AND/OR-ANDbar Gate 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL ÷2 Divider 5V ECL Differential Data and Clock D Flip-Flop
|
ON Semiconductor
|
MC100LVE222FA ON0510 |
LOW VOLTAGE 1:15 DIFFERENTIAL / ECL/PECL CLOCK DRIVER From old datasheet system LOW VOLTAGE 1:15 DIFFERENTIAL 1/2 ECL/PECL CLOCK DRIVER
|
Motorola, Inc
|
AZ100LVEL58D AZ100LVEL58NG AZ100LVEL58T |
ECL/PECL 2:1 Multiplexer
|
Arizona Microtek, Inc.
|