PART |
Description |
Maker |
FDG6332C FDG6332CNL |
Tantalum Molded Capacitor; Capacitance: 220uF; Voltage: 6.3V; Packaging: Tape & Reel 700 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET 20V N & P-Channel PowerTrench MOSFETs 20V N &P - Channel Power Trench MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDMA420NZ FDMA420NZ08 |
Single N-Channel 2.5V Specified PowerTrench? MOSFET 20V, 5.7A, 30mΩ Single N-Channel 2.5V Specified PowerTrench垄莽 MOSFET 20V, 5.7A, 30m楼?
|
Fairchild Semiconductor
|
STS4DPFS20L |
P-CHANNEL 20V - 0.07ohm - 4A SO-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER P-CHANNEL POWER MOSFET P-CHANNEL 20V - 0.07ohm - 4A SO-8 STripFET⑩ MOSFET PLUS SCHOTTKY RECTIFIER P-CHANNEL 20V 0.07 OHM 4A SO-8 STRIPFET MOSFET PLUS SCHOTTKY RECTIFIER
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
FDMA6023PZT |
-20V Dual P-Channel PowerTrench® MOSFET; 6-MicroFET 3600 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Fairchild Semiconductor, Corp.
|
STS5DNF20 STS5DNF20V 7608 |
N-CHANNEL 20V - 0.030 OHM - 5A SO-8 2.7V-DRIVE STRIPFET II POWER MOSFET N-CHANNEL 20V - 0.030 ohm - 5A SO-8 2.7V-DRIVE STripFET II POWER MOSFET N-CHANNEL 20V - 0.030 ohm - 5A SO-8 2.7V-DRIVE STripFET⑩ II POWER MOSFET N-CHANNEL 20V - 0.030 ohm - 5A SO-8 2.7V-DRIVE STripFET??II POWER MOSFET From old datasheet system N-CHANNEL POWER MOSFET
|
STMICROELECTRONICS [STMicroelectronics] ST Microelectronics
|
IRF3711ZL IRF3711ZS IRF3711Z |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier
|
IRF3704Z IRF3704ZL IRF3704ZS |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier
|
SST3585 SST358512 |
3.5A, 20V, RDS(ON) 75m -2.5A, -20V, RDS(ON) 160m N And P-Channel Enhancement Mode Power MOSFET
|
SeCoS Halbleitertechnologie GmbH
|