PART |
Description |
Maker |
425002MB002G105ZL |
12.00mm Pitch Probe Pin SMT Type Battery Connector
|
SUYIN USA, INC.
|
425002MB002G102ZL |
4.25mm Pitch Probe Pin SMT Type Battery Connector
|
SUYIN USA, INC.
|
M22-5320205 M22-5320246 M22-5322546 M22-5322505 M2 |
2.00 mm PITCH DIL SMT PIN HEADER ASSEMBLY 2.00mm Pitch DIL Vertical SMT Pin Header, gold, 22 22-way 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 2.00mm Pitch DIL Vertical SMT Pin Header, tin, 22 22-way 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin Plc
|
0548611570 |
2.00mm (.079") Pitch HIC/LCD Pin Connector, Vertical, SMT, 15 Circuits, Lead Free
|
Molex Electronics Ltd.
|
0548611970 54861-1970 |
2.00mm (.079) Pitch HIC/LCD Pin Connector, Vertical, SMT, 19 Circuits, Lead Free
|
Molex Electronics Ltd.
|
250009MA002G200ZL 250009MA002XX00XX |
2.5mm Pitch 2 Probe Pin Battery
|
SUYIN USA, INC.
|
0679040001 67904-0001 |
4.00mm (.157) Pitch Pogo Pin Connector Header, SMT, Vertical, 2 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
M40-4010946R |
1.00mm Pitch SIL Horizontal SMT Pin Header, tin, 9-way, Tape & Reel 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
M22-5322405R |
2.00mm Pitch DIL Vertical SMT Pin Header, gold, pick & place (Tape & Reel packing), 24 24-way 48 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG
|
Harwin PLC
|
73780-2263 0737802263 |
2.00mm (.079) Pitch HDM? Board-to-Board Daughtercard Receptacle, Vertical, SignalModule, 72 Circuits, Mounted Height 13.00mm (.512), Pin Length 4.00mm (.157),
|
Molex Electronics Ltd.
|
0737803243 73780-3243 |
2.00mm (.079) Pitch HDM? Board-to-Board Daughtercard Receptacle, Vertical, SignalModule, 144 Circuits, Mounted Height 13.00mm (.512), Pin Length 3.00mm (.118),
|
Molex Electronics Ltd.
|
0737803245 73780-3245 |
2.00mm (.079) Pitch HDM? Board-to-Board Daughtercard Receptacle, Vertical, SignalModule, 144 Circuits, Mounted Height 15.00mm (.591), Pin Length 3.00mm (.118),
|
Molex Electronics Ltd.
|
|