PART |
Description |
Maker |
74ABT02PWDH 74ABT02 74ABT02D 74ABT02DB 74ABT02N 74 |
Quad 2-input NOR gate ABT SERIES, QUAD 2-INPUT NOR GATE, PDSO14 Quad 2-input NOR gate - Description: Quad 2-Input NOR Gate ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -15/ 20 mA ; Propagation delay: 2.4 ns; Voltage: 4.5-5.5 V ABT SERIES, QUAD 2-INPUT NOR GATE, PDSO14
|
Atmel, Corp. PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74HC00 74HC00DR2G 74HC00DTR2G |
Quad 2-Input NAND Gate; Package: TSSOP-14; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 HC/UH SERIES, QUAD 2-INPUT NAND GATE, PDSO14 Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
|
ON Semiconductor
|
74LS173SC 74LS133SC 74LS14PC 74LS04PC 74LS15PC 74L |
Single 13-input NAND Gate CERAMIC CHIP/MIL-PRF-55681 Triple 3-input AND Gate Synchronous Up/Down Counter 同步减计数器 Quad 2-input NOR Gate 输入或非 Hex D-Type Flip-Flop 六角D型触发器 Quad D-Type Flip-Flop 四D型触发器 2-To-4-Line Demultiplexer 2线复用器 Triple 3-input NAND Gate 输入与非 Quad 2-input NAND Gate 输入与非 4-Bit Buffer/Driver
|
Rochester Electronics, LLC NXP Semiconductors N.V.
|
HD74LS32 HD74LS32P 74LS32 |
From old datasheet system LOGIC GATE,QUAD 2-INPUT OR,LS-TTL,DIP,14PIN,PLASTIC Quadruple 2-input Positive OR Gates LS SERIES, QUAD 2-INPUT OR GATE, PDIP14
|
http:// HITACHI[Hitachi Semiconductor] Hitachi America
|
M74HC32 M74HC32B1 M74HC32RM13TR M74HC32TTR M74HC32 |
QUAD 2-INPUT OR GATE QUAD 2-INPUT OR GATE 12-Bit, 2.5 us Dual DAC, Serial Input, Programmable Settling Time, M temperature 20-LCCC -55 to 125
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
MM74C00 MM74C04 MM74C0002 MM74C04N MM74C00M MM74C0 |
Quad 2-Input NAND Gate. Quad 2-Input NOR Gate. Hex Inverter From old datasheet system Quad 2-Input NAND Gate •
|
FAIRCHILD[Fairchild Semiconductor]
|
MMC4025 MMC4001 MMC4002 MMC4000 |
Quad 2-input NOR gate Dual 4-input NOR gate Dual 3-input NOR gate plus inverter Triple 3-input NOR gate NOR GATES COMPLEMENTARY MOS INTEGRATED CIRCUITS
|
Microelectronica Micro Electronics
|
MC74LVQ08 MC74LVQ08D MC74LVQ08DT MC74LVQ08M MC74LV |
Enhanced Low Input (2.25V-5.5V) up to 1MHz Frequency, Sync. Buck Controller, source only 16-HTSSOP -40 to 85 LVQ SERIES, QUAD 2-INPUT AND GATE, PDSO14 LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc]
|
74VCX32M |
Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs ALVC/VCX/A SERIES, QUAD 2-INPUT OR GATE, PDSO14
|
Fairchild Semiconductor, Corp.
|
ACS86MS ACS86KMSR ACS86K ACS86HMSR ACS86DMSR ACS86 |
From old datasheet system Radiation Hardened Quad 2-Input Exclusive OR Gate AC SERIES, QUAD 2-INPUT XOR GATE, UUC16
|
INTERSIL[Intersil Corporation]
|
74VHC32MXNL 74VHC32MTC 74VHC32SJ 74VHC32N |
Quad 2-Input OR Gate AHC/VHC SERIES, QUAD 2-INPUT OR GATE, PDSO14 Quad 2-Input OR Gate
|
Fairchild Semiconductor, Corp.
|
MC10H103FNR2G |
Quad 2−Input OR Gate 10H SERIES, QUAD 2-INPUT OR GATE, PQCC20
|
ON Semiconductor
|