PART |
Description |
Maker |
M74HC14 M74HC14B1 M74HC14RM13TR M74HC14TTR M74HC14 |
HEX SCHMITT INVERTER HEX SCHMITT INVERTER Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-23 -40 to 85
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导
|
MC74ACT05DR2 MC74ACT05DR2G MC74AC05N MC74ACT05D 74 |
Hex Inverter with Open−Drain Outputs AC SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Hex Inverter with Open−Drain Outputs
|
ONSEMI[ON Semiconductor]
|
AT89C52-12QA AT89C52-24AI AT89C52-16JA AT89C52-16Q |
Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SOIC -40 to 125 Hex Inverter 14-VQFN -40 to 125 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SSOP -40 to 125 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PQFP44 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PDIP40 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQFP44 8-Bit Microcontroller with 8K Bytes Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP44
|
Atmel Corp. Atmel, Corp.
|
74LCXU04TTR 74LCXU04 74LCXU04MTR |
LOW VOLTAGE CMOS HEX INVERTER(SINGLE STAGE) WITH 5V TOLERANT INPUTS CMOS HEX INVERTER WITH 5V TOLERANT INPUT
|
意法半导 STMicroelectronics ST Microelectronics
|
74LS06 HD74LS06 HD74LS06FPSMD HD74LS06PDIP HD74LS0 |
LS SERIES, HEX 1-INPUT INVERT GATE, PDIP14 Hex Inverters Buffers/Drivers with Open Collector High-Voltage output HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS LOGIC GATE|HEX INVERTER|LS-TTL|SOP|14PIN|PLASTIC LOGIC GATE|HEX INVERTER|LS-TTL|DIP|14PIN|PLASTIC Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:8; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight
|
HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
74LCX04SJ 74LCX04SJX 74LCX04 74LCX04BQX 74LCX04M 7 |
Low Voltage Hex Inverter with 5V Tolerant Inputs LVC/LCX/Z SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
HD74LS06 HD74LS06P-E |
LS SERIES, HEX 1-INPUT INVERT GATE, PDIP14 Hex Inverter Buffers/Drivers (With Open Collector High-Voltage Outputs)
|
Renesas Electronics Corporation
|
74LVXU04TTR 74LVXU04 74LVXU04MTR 74LVXU04M |
LV/LV-A/LVX/H SERIES, HEX 1-INPUT INVERT GATE, PDSO14 LOW VOLTAGE CMOS HEX INVERTER (SINGLE STAGE) WITH 5V TOLERANT INPUTS
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
MC74LCXU04DR2 |
Low-Voltage CMOS Unbuffered Hex Inverter With 5 V−Tolerant Inputs LVC/LCX/Z SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
ON Semiconductor
|
CD4069UBC CD4069UBC_02 CD4069UBCM CD4069UBCN CD406 |
LOGIC GATE|HEX INVERTER|CMOS|SOP|14PIN|PLASTIC 逻辑门|六角逆变器|的CMOS |专科| 14PIN |塑料 Inverter Circuits
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
SN54LS04 54LS04 SN74LS04N SN54LS04J SN74LS04D 74LS |
HEX INVERTER LOW POWER SCHOTTKY LS SERIES, HEX 1-INPUT INVERT GATE, PDIP14 STANDARD GAIN HORN; WAVEGUIDE SIZE: WR187; FREQUENCY RANGE: 3.95-5.85; GAIN: 20 dB
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc]
|
MC74HC04A06 MC74HC04AF MC74HC04AFEL MC74HC04AFELG |
Hex Inverter High−Performance Silicon−Gate CMOS HC/UH SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Hex Inverter High−Performance Silicon−Gate CMOS
|
ONSEMI[ON Semiconductor]
|