PART |
Description |
Maker |
IL610-1E IL611-2E |
1-Channel Passive Input, CMOS-Output Isolator, MSOP ISOLATION AMPLIFIER, PDSO8 2-Channel Passive Input, CMOS-Output Isolator, PDIP ISOLATION AMPLIFIER, PDIP8
|
NVE, Corp.
|
TA306W-11 |
12.5mm SLIM CASE PASSIVE SIGNAL ISOLATORS
|
MORNSUN Science& Techno...
|
MCRF450 MCRF452 MCRF452/0M MCRF455 |
The MCRF45x family is a contactless read/write passive Radio Frequency Identification (RFID) IC device that is optimized for 13.56 MHz RF carrier signal. The device needs an external LC resonant circuit to communicate with interrogator wir The MCRF45x family is a contactless read/write passive Radio Frequency Identification (RFID) IC device that is optimized for 13.56 ...
|
Microchip
|
P01-1000NS-301W P01-1000NS-201W P01-180NS-101W P01 |
PASSIVE DELAY LINE, TRUE OUTPUT, PDIP14 LOW PROFILE, PLASTIC, DIP-14 PASSIVE DELAY LINE, TRUE OUTPUT, PDSO4
|
RCD Components, Inc. RCD COMPONENTS INC
|
MCRF250 MCRF250-I_WFQ23 MCRF250-I_P MCRF250-I_S MC |
The MCRF250 is one time contactlessly programmable passive Radio Frequency Identification (RFID) IC device with advanced anti-collision features. The device is powered by an external RF transmitter (reader) through inductive coupling. The 125 kHz microID Passive RFID Device with Anti-Collision From old datasheet system
|
MICROCHIP[Microchip Technology]
|
LM10V335 |
Passive Matrix Color LCD Module (640x480 dots) DEVICE SPECIFICATION for Passive Matrix Color LCD Module
|
SHARP[Sharp Electrionic Components]
|
CXA1372BS CXA1372BQBS |
RF Signal Processing Servo Amplifier for CD Player 射频信号处理伺服放大CD播放 RF Signal Processing Servo Amplifier for CD Player(710.00 k) 射频信号处理伺服放大器的CD播放器(710.00十一
|
Sony, Corp.
|
2SC2235-X-T9N-B 2SC2235-X-T9N-K 2SC2235G-X-T9N-B 2 |
AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS 800 mA, 120 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Unisonic Technologies UNISONIC TECHNOLOGIES CO LTD
|
SP1030NS100OHM SP0540NS100OHM |
PASSIVE DELAY LINE, TRUE OUTPUT, PSIP14 PASSIVE DELAY LINE, TRUE OUTPUT, PSIP7
|
RCD COMPONENTS INC
|
1516SB121201C 1516SB121101B 1516A400500 1516A40010 |
PASSIVE DELAY LINE, TRUE OUTPUT, DSO8 PASSIVE DELAY LINE, TRUE OUTPUT, DIP8
|
DATA DELAY DEVICES INC
|