PART |
Description |
Maker |
1N4007G 1N4001G 1N4002G 1N4003G 1N4004G 1N4005G 1N |
(1N4001G - 1N4007G) GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER 1 A, 800 V, SILICON, SIGNAL DIODE, DO-41
|
http:// RECTRON[Rectron Semiconductor]
|
P6SMB7.5CA P6SMB9.1CA P6SMB6.8CA P6SMB8.2CA P6SMB1 |
BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS/ 6.8 THRU 200 VOLTS BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS 600 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Central Semiconductor C... Central Semiconductor Corp. Central Semiconductor, Corp. http://
|
RGP02-20E RGP02-16E RGP02-17 RGP02 RGP02-12 RGP02- |
From old datasheet system Glass Passivated Junction Fast Switching Rectifier, Forward Current 0.5A, Reverse Voltage 1200 to 2000V Glass Passivated Junction Fast Switching Rectifier
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
1SMC9.0CA 1SMC8.0CA 1SMC8.5CA 1SMC85CA 1SMC6.0CA 1 |
SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Central Semiconductor Corp http:// Central Semiconductor C...
|
1N4002G 1N4007G 1N4001G 1N4003G 1N4004G 1N4005G 1N |
400V, 1.0A glass passivated rectifier 1000V, 1.0A glass passivated rectifier 50V, 1.0A glass passivated rectifier 200V, 1.0A glass passivated rectifier 100V, 1.0A glass passivated rectifier 600V, 1.0A glass passivated rectifier 800V, 1.0A glass passivated rectifier
|
http:// WTE[Won-Top Electronics]
|
RGL41M RGL41A RGL41B RGL41G RGL41J RGL41D BYM11-50 |
Surface Mount Glass Passivated Junction Rectifier(表贴型钝化玻璃结型整流器) SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
|
GE Security, Inc. GE[General Semiconductor]
|
RGF20MA RGF20A RGF20B RGF20D RGF20G RGF20J RGF20JA |
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
|
ZOWIE[Zowie Technology Corporation]
|
GL34K |
MINI-MELF glass passivated junction Diodes - Silicon passivated type
|
美丽微半导体有限公司
|
1A7G 1A1G 1A2G 1A3G 1A4G 1A5G 1A6G |
GLASS PASSIVATED JUNCTION SILICON RECTIFIER GLASS PASSIVATED JUNCTION SILICON RECTIFIER 1 A, 200 V, SILICON, SIGNAL DIODE GLASS PASSIVATED JUNCTION SILICON RECTIFIER 1 A, 100 V, SILICON, SIGNAL DIODE
|
RECTRON[Rectron Semiconductor] PanJit International, Inc.
|
TXN05 TXN100 TYN40 TYN80K TXN058 TXN05G TXN05K TXN |
THYRISTORS V(drm): 50V; 8A; glass passivated thyristor V(drm): 1000V; 8A; glass passivated thyristor V(drm): 100V; 8A; glass passivated thyristor V(drm): 200V; 8A; glass passivated thyristor V(drm): 400V; 8A; glass passivated thyristor V(drm): 600V; 8A; glass passivated thyristor V(drm): 800V; 8A; glass passivated thyristor
|
STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|