PART |
Description |
Maker |
NX3008NBK NX3008NBK-15 |
30 V, 400 mA N-channel Trench MOSFET SMALL SIGNAL, FET
|
NXP Semiconductors N.V.
|
NGB8202N NGB8202NT4 |
Ignition IGBT 20 A, 400 V, N-Channel D<sup>2</sup>PAK 20 A, 400 V, N-Channel D2PAK 20 A, 400 V, N−Channel D2PAK
|
ONSEMI[ON Semiconductor]
|
CM400DU-5F |
Trench Gate Design Dual IGBTMOD?/a> 400 Amperes/250 Volts Trench Gate Design Dual IGBTMOD⑩ 400 Amperes/250 Volts Trench Gate Design Dual IGBTMOD 400 Amperes/250 Volts Trench Gate Design Dual IGBTMOD400 Amperes/250 Volts
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors]
|
ISL9N303AS3ST ISL9N303AS3 ISL9N303AP3 N303AS N303A |
N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 30A 40V 250A-Ifsm 0.55Vf 1A-IR D2PAK 800/REEL-13 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel Logic Level UltraFET Trench MOSFETs 30V / 75A / 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V 75A 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?/a>
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
QJD0240002 |
Dual Power MOSFET Module (400 Amperes/200 Volts) 400 A, 200 V, 0.006 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
BSS138PW |
60 V, 320 mA N-channel Trench MOSFET 60 V, 360 mA N-channel Trench MOSFET
|
NXP Semiconductors
|
MTP4N40E MTP4N40E-D |
TMOS POWER FET 4.0 AMPERES 400 VOLTS RDS(on) = 1.8 OHM 4 A, 400 V, 1.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TMOS E-FET Power Field Effect Transistor N-Channel Enhancement-Mode Silicon Gate
|
Motorola Mobility Holdings, Inc. Motorola, Inc ON Semiconductor
|
APT4020BVFRG |
Power FREDFET; Package: TO-247 [B]; ID (A): 23; RDS(on) (Ohms): 0.2; BVDSS (V): 400; 23 A, 400 V, 0.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247
|
Microsemi, Corp.
|
FDB3682_FDP3682 FDB3682 FDP3682 |
N-Channel UltraFET Trench MOSFET 100V, 32A, 36mOhm N-Channel UltraFET Trench MOSFET 100V, 32A, 36m Ohm From old datasheet system
|
Fairchild Semiconductor
|
FDMC2674_07 FDMC2674 FDMC267407 |
N-Channel UltraFET Trench MOSFET 220V, 7.0A, 366mΩ N-Channel UltraFET Trench MOSFET 220V, 7.0A, 366mヘ
|
FAIRCHILD[Fairchild Semiconductor]
|
FF1400R12IP4 |
IGBT Modules up to 1200V Dual ; Package: AG-PRIME3-1; IC (max): 1,400.0 A; VCE(sat) (typ): 1.75 V; Configuration: Dual Modules; Technology: IGBT4; Housing: PrimePACK 3; PrimePACK? Modul mit Trench/Fieldstopp IGBT4 und Emitter Controlled 4 Diode und NTC PrimePACK?? Modul mit Trench/Fieldstopp IGBT4 und Emitter Controlled 4 Diode und NTC
|
Infineon Technologies AG
|
|